Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT16245BEV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVT16245BEV
Description  3.3 V 16-bit transceiver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT16245BEV Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVT16245BEV Datasheet HTML 1Page - NXP Semiconductors 74LVT16245BEV Datasheet HTML 2Page - NXP Semiconductors 74LVT16245BEV Datasheet HTML 3Page - NXP Semiconductors 74LVT16245BEV Datasheet HTML 4Page - NXP Semiconductors 74LVT16245BEV Datasheet HTML 5Page - NXP Semiconductors 74LVT16245BEV Datasheet HTML 6Page - NXP Semiconductors 74LVT16245BEV Datasheet HTML 7Page - NXP Semiconductors 74LVT16245BEV Datasheet HTML 8Page - NXP Semiconductors 74LVT16245BEV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74LVT_LVTH16245B_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 March 2010
2 of 19
NXP Semiconductors
74LVT16245B; 74LVTH16245B
3.3 V 16-bit transceiver; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVT16245BDL
−40 °C to +85 °C
SSOP48
plastic shrink small outline package; 48 leads;
body width 7.5 mm
SOT370-1
74LVTH16245BDL
74LVT16245BDGG
−40 °C to +85 °C
TSSOP48
plastic thin shrink small outline package; 48 leads;
body width 6.1 mm
SOT362-1
74LVTH16245BDGG
74LVT16245BEV
−40 °C to +85 °C
VFBGA56
plastic very thin fine-pitch ball grid array package;
56 balls; body 4.5
× 7 × 0.65 mm
SOT702-1
74LVT16245BBQ
−40 °C to +85 °C
HXQFN60U plastic thermal enhanced extremely thin quad flat
package; no leads; 60 terminals; UTLP based;
body 4
× 6 × 0.5 mm
SOT1134-1
74LVTH16245BBQ
Pin numbers are shown for SSOP48 and TSSOP48 packages only.
Fig 1.
Logic symbol
1DIR
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
1OE
2DIR
2OE
001aaa789


Similar Part No. - 74LVT16245BEV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16245B PHILIPS-74LVT16245B Datasheet
78Kb / 10P
   3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16245B NEXPERIA-74LVT16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245BDGG PHILIPS-74LVT16245BDGG Datasheet
78Kb / 10P
   3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16245BDGG NEXPERIA-74LVT16245BDGG Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
Texas Instruments
74LVT16245BDGGRE4 TI-74LVT16245BDGGRE4 Datasheet
603Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVT16245BEV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com