Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT16244BEV Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVT16244BEV
Description  3.3 V 16-bit buffer/driver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT16244BEV Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT16244BEV Datasheet HTML 3Page - NXP Semiconductors 74LVT16244BEV Datasheet HTML 4Page - NXP Semiconductors 74LVT16244BEV Datasheet HTML 5Page - NXP Semiconductors 74LVT16244BEV Datasheet HTML 6Page - NXP Semiconductors 74LVT16244BEV Datasheet HTML 7Page - NXP Semiconductors 74LVT16244BEV Datasheet HTML 8Page - NXP Semiconductors 74LVT16244BEV Datasheet HTML 9Page - NXP Semiconductors 74LVT16244BEV Datasheet HTML 10Page - NXP Semiconductors 74LVT16244BEV Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
74LVT_LVTH16244B_8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 22 March 2010
7 of 18
NXP Semiconductors
74LVT16244B; 74LVTH16244B
3.3 V 16-bit buffer/driver; 3-state
9.
Static characteristics
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
VIK
input clamping voltage
VCC = 2.7 V; IIK = −18 mA
−1.2
−0.85
-
V
VOH
HIGH-level output voltage IOH = −100 μA; VCC = 2.7 V to 3.6 V
VCC − 0.2 VCC
-V
IOH = −8mA; VCC = 2.7 V
2.4
2.5
-
V
IOH = −32 mA; VCC = 3.0 V
2.0
2.3
-
V
VOL
LOW-level output voltage VCC = 2.7 V
IOL = 100 μA
-
0.07
0.2
V
IOL = 24 mA
-
0.3
0.5
V
VCC = 3.0 V
IOL = 16 mA
-
0.25
0.4
V
IOL = 32 mA
-
0.3
0.5
V
IOL = 64 mA
-
0.4
0.55
V
II
input leakage current
all input pins; VCC = 0 V or 3.6 V; VI =5.5 V
-
0.1
10
μA
control pins; VCC = 3.6 V; VI =VCC or GND
-
0.1
±1.0
μA
data pins; VCC = 3.6 V
[2]
VI =VCC
-0.1
1
μA
VI =0V
−5
−0.1
-
μA
IOFF
power-off leakage current VCC = 0 V; VI or VO = 0V to 4.5V
-
0.1
±100
μA
IBHL
bus hold LOW current
VCC = 3 V; VI = 0.8 V
[3] 75
135
-
μA
IBHH
bus hold HIGH current
VCC = 3 V; VI = 2.0 V
-
−135
−75
μA
IBHLO
bus hold LOW
overdrive current
nAn input; VCC =0Vto3.6 V; VI =3.6 V
500
-
-
μA
IBHHO
bus hold HIGH
overdrive current
nAn input; VCC =0Vto3.6 V; VI =3.6 V
-
-
−500
μA
IHOLD
bus hold current data
input
VCC = 3 V
[3]
VI = 0.8 V
75
135
-
μA
VI = 2.0 V
-
−135
−75
μA
VCC = 0 V to 3.6 V
VI = 3.6 V
±500
-
-
μA
ILO
output leakage current
output in HIGH-state when VO >VCC; VO =
5.5 V; VCC =3.0 V
-
50
125
μA
IO(pu/pd)
power-up/power-down
output current
VCC ≤ 1.2 V; VO = 0.5 V to VCC; VI = GND or
VCC; nOE = don’t care
[4] -1
±100
μA
IOZ
OFF-state output current
VCC = 3.6 V; VI = VIH or VIL
output HIGH: VO = 3.0 V
-
0.5
5
μA
output LOW: VO = 0.5 V
−5+0.5
-
μA


Similar Part No. - 74LVT16244BEV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16244BEV PHILIPS-74LVT16244BEV Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVT16244BEV NXP-74LVT16244BEV Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
More results

Similar Description - 74LVT16244BEV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com