Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH16245B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVTH16245B
Description  3.3 V 16-bit transceiver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH16245B Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVTH16245B Datasheet HTML 1Page - NXP Semiconductors 74LVTH16245B Datasheet HTML 2Page - NXP Semiconductors 74LVTH16245B Datasheet HTML 3Page - NXP Semiconductors 74LVTH16245B Datasheet HTML 4Page - NXP Semiconductors 74LVTH16245B Datasheet HTML 5Page - NXP Semiconductors 74LVTH16245B Datasheet HTML 6Page - NXP Semiconductors 74LVTH16245B Datasheet HTML 7Page - NXP Semiconductors 74LVTH16245B Datasheet HTML 8Page - NXP Semiconductors 74LVTH16245B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74LVT16245B; 74LVTH16245B is a high-performance BiCMOS product designed for
VCC operation at 3.3 V.
This device is a 16-bit transceiver featuring non-inverting 3-state bus compatible outputs
in both send and receive directions. The control function implementation minimizes
external timing requirements. The device features an output enable input (nOE) for easy
cascading and a direction input (nDIR) for direction control.
2.
Features and benefits
16-bit bidirectional bus interface
3-state buffers
Output capability: +64 mA and
−32 mA
TTL input and output switching levels
Input and output interface capability to systems at 5 V supply
Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs
Live insertion and extraction permitted
Power-up 3-state
No bus current loading when output is tied to 5 V bus
Latch-up protection:
JESD78B Class II exceeds 500 mA
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
74LVT16245B; 74LVTH16245B
3.3 V 16-bit transceiver; 3-state
Rev. 07 — 29 March 2010
Product data sheet


Similar Part No. - 74LVTH16245B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
74LVTH16245BDGG NEXPERIA-74LVTH16245BDGG Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
More results

Similar Description - 74LVTH16245B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com