Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH16244B Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74LVTH16244B
Description  3.3 V 16-bit buffer/driver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH16244B Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74LVTH16244B Datasheet HTML 10Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 11Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 12Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 13Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 14Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 15Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 16Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 17Page - NXP Semiconductors 74LVTH16244B Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
74LVT_LVTH16244B_8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 22 March 2010
15 of 18
NXP Semiconductors
74LVT16244B; 74LVTH16244B
3.3 V 16-bit buffer/driver; 3-state
13. Abbreviations
14. Revision history
Table 10.
Abbreviations
Acronym
Description
BiCMOS
Bipolar Complementary Metal Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
Table 11.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
74LVT_LVTH16244B_8
20100322
Product data sheet
-
74LVT_LVTH16244B_7
Modifications:
74LVT16244BBQ and 74LVTH16244BBQ changed from HUQFN60U (SOT1025-1) to
HXQFN60U (SOT1134-1) package.
74LVT_LVTH16244B_7
20090326
Product data sheet
-
74LVT_LVTH16244B_6
74LVT_LVTH16244B_6
20081113
Product data sheet
-
74LVT_LVTH16244B_5
74LVT_LVTH16244B_5
20060321
Product data sheet
-
74LVT16244B_4
74LVT16244B_4
20021031
Product specification
-
74LVT16244B_3
74LVT16244B_3
19981007
Product specification
-
74LVT16244B_2
74LVT16244B_2
19980219
Product specification
-
-


Similar Part No. - 74LVTH16244B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH16244B PHILIPS-74LVTH16244B Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVTH16244BBQ NXP-74LVTH16244BBQ Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVTH16244BDGG PHILIPS-74LVTH16244BDGG Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
More results

Similar Description - 74LVTH16244B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com