Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT245PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVT245PW
Description  3.3 V octal transceiver with direction pin (3-state)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT245PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT245PW Datasheet HTML 1Page - NXP Semiconductors 74LVT245PW Datasheet HTML 2Page - NXP Semiconductors 74LVT245PW Datasheet HTML 3Page - NXP Semiconductors 74LVT245PW Datasheet HTML 4Page - NXP Semiconductors 74LVT245PW Datasheet HTML 5Page - NXP Semiconductors 74LVT245PW Datasheet HTML 6Page - NXP Semiconductors 74LVT245PW Datasheet HTML 7Page - NXP Semiconductors 74LVT245PW Datasheet HTML 8Page - NXP Semiconductors 74LVT245PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74LVT245_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 8 May 2008
5 of 15
NXP Semiconductors
74LVT245
3.3 V octal transceiver with direction pin (3-state)
9.
Static characteristics
IOL
LOW-level output current
-
32
mA
current duty cycle
≤ 50 %; fi ≥ 1 kHz
-
64
mA
Tamb
ambient temperature
in free air
−40
+85
°C
∆t/∆V
input transition rise and fall rate
output enabled
-
10
ns/V
Table 5.
Recommended operating conditions …continued
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
VIK
input clamping voltage
VCC = 2.7 V; IIK = –18 mA
−1.2
−0.9
-
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
VOH
HIGH-level output voltage
VCC = 2.7 V to 3.6 V; IOH = −100 µAVCC − 0.2 VCC − 0.1
-
V
VCC = 2.7 V; IOH = −8 mA
2.4
2.5
-
VCC = 3.0 V; IOH = −32 mA
2.0
2.2
-
V
VOL
LOW-level output voltage
VCC = 2.7 V; IOL = 100 µA
0.1
0.2
V
VCC = 2.7 V; IOL = 24 mA
-
0.3
0.5
V
VCC = 3.0 V; IOL = 16 mA
-
0.25
0.4
V
VCC = 3.0 V; IOL = 32 mA
-
0.3
0.5
V
VCC = 3.0 V; IOL = 64 mA
-
0.4
0.55
V
II
input leakage current
control pins
VCC = 0 V or 3.6 V; VI = 5.5 V
-
1
10
µA
VCC = 3.6 V; VI =VCC or GND
-
±0.1
±1
µA
I/O data pins
[2]
VCC = 3.6 V; VI = 5.5 V
-
1
20
µA
VCC = 3.6 V; VI =VCC
-
0.1
1
µA
VCC = 3.6 V; VI =0V
−5
−1-
µA
IOFF
power-off leakage current
VCC = 0 V; VI or VO = 0 V to 4.5 V
-
1
±100 µA
ILO
output leakage current
VO = 5.5 V; VCC = 3.6 V; output HIGH
-
60
125
µA
IO(pu/pd)
power-up/power-down
output current
VCC ≤ 1.2 V VO = 0.5 V to VCC;
VI = GND or VCC; OE = don’t care
[3]
-15
±100 µA
IBHL
bus hold LOW current
VCC = 3.0 V; VI = 0.8 V
75
150
-
µA
IBHH
bus hold HIGH current
VCC = 3.0 V; VI = 2.0 V
−150
−75
-
µA
IBHLO
bus hold LOW
overdrive current
VCC = 0 V to 3.0 V; VI = 3.6 V
[4]
500
-
-
µA
IBHHO
bus hold HIGH
overdrive current
VCC = 0 V to 3.0 V; VI = 3.6 V
[4]
--
−500 µA


Similar Part No. - 74LVT245PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT245PW PHILIPS-74LVT245PW Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT245PW NEXPERIA-74LVT245PW Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT245PWDH PHILIPS-74LVT245PWDH Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
More results

Similar Description - 74LVT245PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT245B NXP-74LVT245B Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245B NEXPERIA-74LVT245B Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 3 - 30 July 2021
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com