Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC3G34 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC3G34
Description  Triple buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G34 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC3G34 Datasheet HTML 4Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 5Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 6Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 7Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 8Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 9Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 10Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 11Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74LVC3G34_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 9 May 2008
8 of 16
NXP Semiconductors
74LVC3G34
Triple buffer
12. AC waveforms
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage
levels that occur with the output load.
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe
capacitance.
RT = Termination resistance should be equal to the
output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
The data input (nA) to output (nY) propagation
delays
Fig 9.
Test circuit for measuring switching times
mnb072
nA input
nY output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5
× V
CC
0.5
× V
CC
2.3 V to 2.7 V
0.5
× V
CC
0.5
× V
CC
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
1.5 V
1.5 V
4.5 V to 5.5 V
0.5
× VCC
0.5
× V
CC
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr =tf
CL
RL
tPLH, tPHL
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
open
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
open
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
open
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
open
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
open


Similar Part No. - 74LVC3G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
74LVC3G34 NXP-74LVC3G34 Datasheet
87Kb / 14P
   Triple buffer
Rev. 05-5 October 2007
logo
Diodes Incorporated
74LVC3G34 DIODES-74LVC3G34 Datasheet
470Kb / 8P
   TRIPLE BUFFER GATE
November 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVC3G34 NEXPERIA-74LVC3G34 Datasheet
258Kb / 16P
   Triple buffer
Rev. 14 - 25 August 2021
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
   Triple buffer
More results

Similar Description - 74LVC3G34

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_14 Datasheet
69Kb / 5P
   Triple Buffer
July, 2014 ??Rev. 8
NL37WZ16 ONSEMI-NL37WZ16 Datasheet
89Kb / 8P
   Triple Buffer
November, 2003 ??Rev. 2
NL37WZ16 ONSEMI-NL37WZ16_12 Datasheet
105Kb / 5P
   Triple Buffer
April, 2012 ??Rev. 7
logo
STMicroelectronics
74V2G70 STMICROELECTRONICS-74V2G70 Datasheet
129Kb / 8P
   TRIPLE BUFFER
June 2003
74V2T70 STMICROELECTRONICS-74V2T70 Datasheet
124Kb / 7P
   TRIPLE BUFFER
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_06 Datasheet
69Kb / 5P
   Triple Buffer
April, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
   Triple buffer
logo
NXP Semiconductors
74LVC3G34 NXP-74LVC3G34 Datasheet
87Kb / 14P
   Triple buffer
Rev. 05-5 October 2007
logo
Nexperia B.V. All right...
74LVC3G16 NEXPERIA-74LVC3G16 Datasheet
762Kb / 15P
   Triple buffer
74LVC3G34 NEXPERIA-74LVC3G34 Datasheet
258Kb / 16P
   Triple buffer
Rev. 14 - 25 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com