Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC3G07GM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC3G07GM
Description  Triple buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G07GM Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC3G07GM Datasheet HTML 1Page - NXP Semiconductors 74LVC3G07GM Datasheet HTML 2Page - NXP Semiconductors 74LVC3G07GM Datasheet HTML 3Page - NXP Semiconductors 74LVC3G07GM Datasheet HTML 4Page - NXP Semiconductors 74LVC3G07GM Datasheet HTML 5Page - NXP Semiconductors 74LVC3G07GM Datasheet HTML 6Page - NXP Semiconductors 74LVC3G07GM Datasheet HTML 7Page - NXP Semiconductors 74LVC3G07GM Datasheet HTML 8Page - NXP Semiconductors 74LVC3G07GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74LVC3G07 provides three non-inverting buffers.
The output of the device is an open-drain and can be connected to other open-drain
outputs to implement active-LOW wired-OR or active-HIGH wired-AND functions.
Input can be driven from either 3.3 V or 5 V devices. This feature allows the use of this
device in a mixed 3.3 V and 5 V environment.
Schmitt trigger action at all inputs makes the circuit tolerant for slower input rise and fall
time.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
2.
Features
I Wide supply voltage range from 1.65 V to 5.5 V
I 5 V tolerant input/output for interfacing with 5 V logic
I High noise immunity
I Complies with JEDEC standard:
N JESD8-7 (1.65 V to 1.95 V)
N JESD8-5 (2.3 V to 2.7 V)
N JESD8-B/JESD36 (2.7 V to 3.6 V).
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I −24 mA output drive (VCC = 3.0 V)
I CMOS low power consumption
I Latch-up performance exceeds 250 mA
I Direct interface with TTL levels
I Inputs accept voltages up to 5 V
I Multiple package options
I Specified from −40 °C to +85 °C and −40 °C to +125 °C.
74LVC3G07
Triple buffer with open-drain output
Rev. 06 — 16 June 2008
Product data sheet


Similar Part No. - 74LVC3G07GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC3G07GF NEXPERIA-74LVC3G07GF Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
74LVC3G07GN NEXPERIA-74LVC3G07GN Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
logo
NXP Semiconductors
74LVC3G07GS NXP-74LVC3G07GS Datasheet
284Kb / 21P
   Triple buffer with open-drain output
Rev. 11-9 April 2013
logo
Nexperia B.V. All right...
74LVC3G07GS NEXPERIA-74LVC3G07GS Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
logo
NXP Semiconductors
74LVC3G07GT PHILIPS-74LVC3G07GT Datasheet
78Kb / 14P
   Triple buffer with open-drain output
Rev. 03-01 February 2005
More results

Similar Description - 74LVC3G07GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G07 PHILIPS-74LVC3G07 Datasheet
78Kb / 14P
   Triple buffer with open-drain output
Rev. 03-01 February 2005
logo
Nexperia B.V. All right...
74LVC3G07-Q100 NEXPERIA-74LVC3G07-Q100 Datasheet
202Kb / 11P
   Triple buffer with open-drain output
logo
NXP Semiconductors
74LVC3G07GS NXP-74LVC3G07GS Datasheet
284Kb / 21P
   Triple buffer with open-drain output
Rev. 11-9 April 2013
logo
Nexperia B.V. All right...
74LVC3G07 NEXPERIA-74LVC3G07 Datasheet
256Kb / 16P
   Triple buffer with open-drain output
Rev. 14 - 28 January 2021
logo
NXP Semiconductors
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
logo
Nexperia B.V. All right...
74AUP3G07 NEXPERIA-74AUP3G07 Datasheet
792Kb / 18P
   Low-power triple buffer with open-drain output
logo
STMicroelectronics
74V2G07 STMICROELECTRONICS-74V2G07 Datasheet
199Kb / 9P
   TRIPLE BUFFER (OPEN DRAIN)
November 2001
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
   Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
   TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com