Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2GU04 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC2GU04
Description  Dual inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2GU04 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2GU04 Datasheet HTML 5Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 6Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 7Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 8Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 9Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 10Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 11Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 12Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74LVC2GU04_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 27 October 2009
9 of 16
NXP Semiconductors
74LVC2GU04
Dual inverter
13. Application information
Some applications are:
Linear amplifier (see Figure 11)
In crystal oscillator design (see Figure 12)
Remark: All values given are typical unless otherwise specified.
Vo(p-p) =VCC − 1.5 V centered at 0.5VCC.
AOL = open loop amplification.
Au = voltage amplification.
R1
≥ 3kΩ,R2 ≤ 1MΩ.
ZL >10kΩ; AOL = 20 (typical).
Typical unity gain bandwidth product is 5 MHz.
C1 = 47 pF (typical).
C2 = 22 pF (typical).
R1 = 1 M
Ω to 10 MΩ (typical).
R2 optimum value depends on the frequency and
required stability against changes in VCC or average
minimum ICC (ICC is typically 2 mA at VCC = 3.3 V and
f = 10 MHz).
Fig 11. Linear amplifier configuration
Fig 12. Crystal oscillator configuration
U04
R1
R2
VCC
ZL
mna052
1
µF
mna053
U04
out
R2
R1
C1
C2
A
u
A
OL
1
R1
R2
------- 1A
OL
+
()
+
-----------------------------------------
=


Similar Part No. - 74LVC2GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
logo
Texas Instruments
74LVC2GU04DBVRE4 TI-74LVC2GU04DBVRE4 Datasheet
586Kb / 14P
[Old version datasheet]   DUAL INVERTER GATE
74LVC2GU04DBVRG4 TI-74LVC2GU04DBVRG4 Datasheet
586Kb / 14P
[Old version datasheet]   DUAL INVERTER GATE
More results

Similar Description - 74LVC2GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
NXP Semiconductors
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
   Dual inverter
Rev. 01-15 November 2006
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com