Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G126GW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1G126GW
Description  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G126GW Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G126GW Datasheet HTML 1Page - NXP Semiconductors 74LVC1G126GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G126GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G126GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G126GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G126GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G126GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G126GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G126GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74LVC1G126_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 9 April 2009
3 of 16
NXP Semiconductors
74LVC1G126
Bus buffer/line driver; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
Fig 4.
Pin configuration
SOT353-1 and SOT753
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891
74LVC1G126
OE
VCC
A
GND
Y
001aaf196
1
2
3
5
4
74LVC1G126
A
001aaf197
OE
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
74LVC1G126
A
001aaf401
OE
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
SOT353-1/SOT753
SOT886/SOT891
OE
1
1
output enable input
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table[1]
Input
Output
OE
A
Y
HL
L
HHH
LX
Z


Similar Part No. - 74LVC1G126GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G126GW PHILIPS-74LVC1G126GW Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 21
74LVC1G126GW NXP-74LVC1G126GW Datasheet
90Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 07-30 August 2007
74LVC1G126GW NXP-74LVC1G126GW Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
logo
Nexperia B.V. All right...
74LVC1G126GW NEXPERIA-74LVC1G126GW Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
74LVC1G126GW-Q100 NEXPERIA-74LVC1G126GW-Q100 Datasheet
217Kb / 13P
   Bus buffer/line driver 3-state
More results

Similar Description - 74LVC1G126GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com