Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC1G175 Datasheet(PDF) 14 Page - NXP Semiconductors

Part No. 74LVC1G175
Description  Single D-type flip-flop with reset; positive-edge trigger
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G175 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVC1G175 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 15Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 16Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
74LVC1G175_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 21 May 2007
14 of 17
NXP Semiconductors
74LVC1G175
Single D-type flip-flop with reset; positive-edge trigger
Fig 13. Package outline SOT891 (XSON6)
terminal 1
index area
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT891
SOT891
05-04-06
07-05-15
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
DIMENSIONS (mm are the original dimensions)
UNIT
mm
0.20
0.12
1.05
0.95
0.35
0.27
A1
max
b
E
1.05
0.95
D
ee1
L
0.40
0.32
L1
0.35
0.55
A
max
0.5
0.04
1
6
2
5
3
4
A
6
×
(1)
4
×
(1)
Note
1. Can be visible in some manufacturing processes.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn