Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC1G175 Datasheet(PDF) 12 Page - NXP Semiconductors

Part No. 74LVC1G175
Description  Single D-type flip-flop with reset; positive-edge trigger
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G175 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74LVC1G175 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 15Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
74LVC1G175_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 21 May 2007
12 of 17
NXP Semiconductors
74LVC1G175
Single D-type flip-flop with reset; positive-edge trigger
Fig 11. Package outline SOT457 (SC-74)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
scale
c
X
13
2
4
5
6
0
1
2 mm
Plastic surface-mounted package (TSOP6); 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
05-11-07
06-03-16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn