Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC1G175 Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. 74LVC1G175
Description  Single D-type flip-flop with reset; positive-edge trigger
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G175 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1G175 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G175 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74LVC1G175_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 21 May 2007
7 of 17
NXP Semiconductors
74LVC1G175
Single D-type flip-flop with reset; positive-edge trigger
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay CP to Q; see Figure 7
VCC = 1.65 V to 1.95 V
1.5
4.9
13.4
1.5
17
ns
VCC = 2.3 V to 2.7 V
1.0
3.1
7.1
1.0
9.0
ns
VCC = 2.7 V
1.0
3.2
7.1
1.0
9.0
ns
VCC = 3.0 V to 3.6 V
1.0
3.1
5.7
0.5
7.5
ns
VCC = 4.5 V to 5.5 V
1.0
2.2
4.0
0.5
5.5
ns
MR to Q; see Figure 8
VCC = 1.65 V to 1.95 V
1.5
4.3
12.9
1.5
17
ns
VCC = 2.3 V to 2.7 V
1.0
2.8
7.0
1.0
9.0
ns
VCC = 2.7 V
1.0
3.0
7.0
1.0
9.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.5
5.8
0.5
7.5
ns
VCC = 4.5 V to 5.5 V
1.0
2.0
4.1
0.5
5.5
ns
tW
pulse width
CP HIGH or LOW;
see Figure 7
VCC = 1.65 V to 1.95 V
6.2
-
-
6.2
-
ns
VCC = 2.3 V to 2.7 V
2.7
-
-
2.7
-
ns
VCC = 2.7 V
2.7
-
-
2.7
-
ns
VCC = 3.0 V to 3.6 V
2.7
1.3
-
2.7
-
ns
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
ns
MR LOW; see Figure 8
VCC = 1.65 V to 1.95 V
6.2
-
-
6.2
-
ns
VCC = 2.3 V to 2.7 V
2.7
-
-
2.7
-
ns
VCC = 2.7 V
2.7
-
-
2.7
-
ns
VCC = 3.0 V to 3.6 V
2.7
1.6
-
2.7
-
ns
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
ns
trec
recovery time
MR; see Figure 8
VCC = 1.65 V to 1.95 V
1.9
-
-
1.9
-
ns
VCC = 2.3 V to 2.7 V
1.4
-
-
1.4
-
ns
VCC = 2.7 V
1.3
-
-
1.3
-
ns
VCC = 3.0 V to 3.6 V
1.2
0.4
-
1.2
-
ns
VCC = 4.5 V to 5.5 V
1.0
-
-
1.0
-
ns
tsu
set-up time
D to CP; see Figure 7
VCC = 1.65 V to 1.95 V
2.9
-
-
2.9
-
ns
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
ns
VCC = 2.7 V
1.7
-
-
1.7
-
ns
VCC = 3.0 V to 3.6 V
1.3
0.5
-
1.3
-
ns
VCC = 4.5 V to 5.5 V
1.1
-
-
1.1
-
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn