Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2065DGN Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2065DGN
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2065DGN Datasheet(HTML) 1 Page - Texas Instruments

  TPS2065DGN Datasheet HTML 1Page - Texas Instruments TPS2065DGN Datasheet HTML 2Page - Texas Instruments TPS2065DGN Datasheet HTML 3Page - Texas Instruments TPS2065DGN Datasheet HTML 4Page - Texas Instruments TPS2065DGN Datasheet HTML 5Page - Texas Instruments TPS2065DGN Datasheet HTML 6Page - Texas Instruments TPS2065DGN Datasheet HTML 7Page - Texas Instruments TPS2065DGN Datasheet HTML 8Page - Texas Instruments TPS2065DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TPS2062/TPS2066
D ANDDGNPACKAGE
(TOP VIEW)
† AllEnableInputs Are ActiveHighForTPS2065,TPS2066,andTPS2067
1
GND
TPS2063/TPS2067
DPACKAGE
(TOP VIEW)
TPS2061/TPS2065
D ANDDGNPACKAGE
(TOP VIEW)
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
GND
IN2
NC
OC1
OUT1
OUT2
OUT3
NC
NC
GND
IN
IN
OUT
OUT
OUT
GND
IN
OC1
OUT1
OUT2
OC2
OC3
OC2
OC
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
EN3
EN
EN1
EN1
EN2
EN2
GND
OUT
TPS2061/TPS2065
DBVPACKAGE
(TOP VIEW)
IN
OC
EN
TPS2061, TPS2062, TPS2063
TPS2065, TPS2066, TPS2067
www.ti.com
SLVS490I – DECEMBER 2003 – REVISED OCTOBER 2009
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Check for Samples: TPS2061 TPS2062 TPS2063 TPS2065 TPS2066 TPS2067
1
FEATURES
APPLICATIONS
Heavy Capacitive Loads
2
70-m
Ω High-Side MOSFET
Short-Circuit Protections
1-A Continuous Current
Thermal and Short-Circuit Protection
Accurate Current Limit
(1.1 A min, 1.9 A max)
Operating Range: 2.7 V to 5.5 V
0.6-ms Typical Rise Time
Undervoltage Lockout
Deglitched Fault Report (OC)
No OC Glitch During Power Up
1-
μA Maximum Standby Supply Current
Bidirectional Switch
Ambient Temperature Range: -40°C to 85°C
Built-in Soft-Start
UL Listed - File No. E169910
DESCRIPTION
The TPS206x power-distribution switches are intended for applications where heavy capacitive loads and
short-circuits are likely to be encountered. This device incorporates 70-m
Ω N-channel MOSFET power switches
for power-distribution systems that require multiple power switches in a single package. Each switch is controlled
by a logic enable input. Gate drive is provided by an internal charge pump designed to control the power-switch
rise times and fall times to minimize current surges during switching. The charge pump requires no external
components and allows operation from supplies as low as 2.7 V.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2003–2009, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2065DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2065DGN TI-TPS2065DGN Datasheet
713Kb / 27P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065DGN TI-TPS2065DGN Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065DGN TI-TPS2065DGN Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065DGN-1 TI-TPS2065DGN-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2065DGN-1G4 TI-TPS2065DGN-1G4 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2065DGN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com