Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZC930 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part No. ZC930
Description  SILICON 12V HYPERABRUPT VARACTOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZC930 Datasheet(HTML) 6 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4422
Fax: (44) 161 622 4420
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY11788
USA
Telephone: (631) 360 2222
Fax: (631) 360 8222
Zetex (Asia) Ltd
3701-04 Metroplaza, Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2001
ZC930, ZMV930, ZV931 series
6
ISSUE 6 - JANUARY 2002
MILLIMETRES
MIN.
MAX
A
0.800
A1
0.000
0.100
A2
0.600
0.800
b1
0.160
0.300
c
0.080
0.220
D
0.700
0.900
E
1.500
1.700
E1
1.100
1.300
L
0.200
0.400
L1
0.170
0.230
1
4
10
SOD523 PACKAGE DIMENSIONS


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ZV831SILICON 25V HYPERABRUPT VARACTOR DIODES 1 2 3 4 5 MoreZetex Semiconductors
ZV950V2SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES 1 2 3 4 5 MoreZetex Semiconductors
ZC829SILICON 28V HYPERABRUPT VARACTOR DIODES 1 2 3 4 5 MoreZetex Semiconductors
ZMV829ATASILICON 28V HYPERABRUPT VARACTOR DIODES 1 2 3 4 5 MoreZetex Semiconductors
KSV1401SILICON HYPERABRUPT TUNING DIODES 1 Knox Semiconductor, Inc
KV1911AUHF-MICROWAVE SUPER HYPERABRUPT JUNCTION VARACTOR DIODES 1 Microsemi Corporation
DKV6522SILICON HYPERABRUPT TUNING VARACTOR DIODE 1 Advanced Semiconductor
AHV1001ASILICON HYPERABRUPT TUNING VARACTOR 1 Advanced Semiconductor
MV1401SILICON HYPERABRUPT VARACTOR DIODE 1 Advanced Semiconductor
AHV2000SILICON HYPERABRUPT TUNING VARACTOR 1 Advanced Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn