Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61195RUYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61195RUYR
Description  TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61195RUYR Datasheet(HTML) 1 Page - Texas Instruments

  TPS61195RUYR Datasheet HTML 1Page - Texas Instruments TPS61195RUYR Datasheet HTML 2Page - Texas Instruments TPS61195RUYR Datasheet HTML 3Page - Texas Instruments TPS61195RUYR Datasheet HTML 4Page - Texas Instruments TPS61195RUYR Datasheet HTML 5Page - Texas Instruments TPS61195RUYR Datasheet HTML 6Page - Texas Instruments TPS61195RUYR Datasheet HTML 7Page - Texas Instruments TPS61195RUYR Datasheet HTML 8Page - Texas Instruments TPS61195RUYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPS61195
www.ti.com
SLVSA07 – MAY 2010
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
Check for Samples: TPS61195
1
FEATURES
PWM and SMBus Brightness Interface
4.5V to 21V Input Voltage
8-bits (256 steps) Brightness Level
Integrated 2.5A 50V MOSFET
Programmable Over Voltage Threshold
600kHz to 1MHz Programmable Switching
Built-in WLED Open/Short Protection
Frequency
Over Thermal Protection
Adaptive Boost Output for Best Efficiency
28L 4×4 QFN
Designed to Use Small L-C Components
APPLICATIONS
Internal Loop Compensation
Notebook/Netbook LCD Display Backlighting
Eight Current Sinks of 30mA
Support up to Total 96 LEDs
1% Current Matching
DESCRIPTION
The TPS61195 IC provides highly integrated solutions for large-size LCD backlighting. This device has a built-in
high efficiency boost regulator with integrated 2.5A/50V power MOSFET. The eight current sink regulators
provide high precision current regulation and matching. In total, the device can support up to 96 LEDs. Unused
sinks are disabled by tying them to ground. The boost output automatically adjusts its voltage to the WLED
forward voltage to improve efficiency.
The TPS61195 supports multiple brightness dimming methods. During PWM dimming, each IFB pin’s current is
turned on/off at the duty cycle and frequency determined by an integrated pulse width modulation (PWM). The
frequency of this signal is resistor programmable, while the duty cycle is controlled directly either from an
external PWM signal input to the DPWM pin or through the SMBUS interface. Additionally, the SMBUS interface
provides some operational reporting data such as if one or more strings have failed or if the IC is over-heating. In
direct PWM dimming mode, each IFB current is turned on/off at same duty cycle and frequency as the PWM
signal input on the DPWM pin. In analog dimming mode, the input PWM duty cycle information is translated to
analog signal to control the WLED current signal linearly over 1% to 100% brightness area.
The TPS61195 integrates over-current and short-circuit protection, soft start and over temperature protection
circuit. The device also provides programmable output over-voltage protection, and the threshold is adjusted by
external resistor divider combination.
The TPS61195 IC has built-in linear regulator for the IC supply. The device is in a 4x4 mm QFN package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61195RUYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61195RUYR TI-TPS61195RUYR Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
More results

Similar Description - TPS61195RUYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61185 TI-TPS61185 Datasheet
797Kb / 26P
[Old version datasheet]   WLED Driver for Notebooks with PWM Control Interface
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
[Old version datasheet]   SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
logo
Allegro MicroSystems
A8516 ALLEGRO-A8516 Datasheet
554Kb / 17P
   The A8516 is a multi-output WLED/RGB driver for backlighting LCD monitors and televisions.
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Micrel Semiconductor
MIC3263 MICREL-MIC3263 Datasheet
1,020Kb / 32P
   Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com