Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61185RGET Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61185RGET
Description  WLED Driver for Notebooks with PWM Control Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61185RGET Datasheet(HTML) 5 Page - Texas Instruments

  TPS61185RGET Datasheet HTML 1Page - Texas Instruments TPS61185RGET Datasheet HTML 2Page - Texas Instruments TPS61185RGET Datasheet HTML 3Page - Texas Instruments TPS61185RGET Datasheet HTML 4Page - Texas Instruments TPS61185RGET Datasheet HTML 5Page - Texas Instruments TPS61185RGET Datasheet HTML 6Page - Texas Instruments TPS61185RGET Datasheet HTML 7Page - Texas Instruments TPS61185RGET Datasheet HTML 8Page - Texas Instruments TPS61185RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
EN
1
24
FSW
2
FPWMO 3
NC
4
GND
5
PWMIN
6
7
8
9
10
11
12
13
14
15
16
17
18
23
22
21
20
19
IFB3
IFB2
IFB1
OVP
PGND 2
PGND 1
TPS61185
TPS61185
www.ti.com
SLVSAA1A – APRIL 2010 – REVISED MAY 2010
DEVICE INFORMATION
24 PIN RGE PACKAGE
TOP VIEW
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
EN
1
I
Device enable pin.
FSW
2
I
Switching frequency program pin. Use a resistor from this pin to GND to set the boost switch frequency
from 600 kHz to 2 MHz.
FPWMO
3
O
Dimming frequency program pin. When the mode pin is open or pulled high, the resistor on this pin to GND
programs the PWM dimming frequency between 100 Hz to 5 kHz.
NC
4
I
No connection pin.
GND
5
I
Signal ground of the IC. Tie the ground of noise sensitive components to GND.
PWMIN
6
I
Dimming control logic input. The dimming frequency range is 100 Hz to 20 kHz.
IFB8-IFB5
7–10
O
Current sink regulation inputs. They are connected to the cathode of the WLEDs. Connect any unused IFB
IFB4-IFB1
12–15
pins to GND or leave open. The PWM loop regulates the lowest VIFB to 400 mV. Each channel is limited to
25 mA current.
ISET
11
O
The resistor on this pin programs WLED output current. Tie resistor ground to GND.
OVP
16
I
Over voltage programming pin. The OVP voltage threshold is set through an external resistor divider
combination according to equation 4.
PGND2
17
I
Power grounds of the IC. Internally connect to the source of the PWM switch. Tie the ground of power
stage components to these grounds.
PGND1
18
I
SW2
19
I
Drain connections of the internal PWM switch MOSFET and external Schottky diode.
SW1
20
I
FAULT
21
O
Gate driver output for an external PFET used for fault protection. It can also be used as signal output for
system fault report.
MODE
22
I
Dimming mode select pin. When MODE is high or open, the internal dimming frequency is programmable
by a resistor on pin 3 (FPWMO pin); when MODE is low, the internal dimming frequency is the same as the
PWM input signal on pin 6 (PWMIN pin).
VIN
23
I
This pin is connected to the battery supply. It also provides the pull-up voltage for the FAULT pin.
VDD
24
O
The supply rail of internal logic. Connect a 1-µF capacitor from VDD to GND.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS61185


Similar Part No. - TPS61185RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI1-TPS61180 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI-TPS61180RTE Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI1-TPS61180RTE Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTER TI-TPS61180RTER Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61185RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
   High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com