Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61185RGER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61185RGER
Description  WLED Driver for Notebooks with PWM Control Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61185RGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61185RGER Datasheet HTML 2Page - Texas Instruments TPS61185RGER Datasheet HTML 3Page - Texas Instruments TPS61185RGER Datasheet HTML 4Page - Texas Instruments TPS61185RGER Datasheet HTML 5Page - Texas Instruments TPS61185RGER Datasheet HTML 6Page - Texas Instruments TPS61185RGER Datasheet HTML 7Page - Texas Instruments TPS61185RGER Datasheet HTML 8Page - Texas Instruments TPS61185RGER Datasheet HTML 9Page - Texas Instruments TPS61185RGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
82
84
86
88
90
92
94
96
98
100
0
50
100
150
200
250
300
I
-OutputCurrent-mA
O
V =24V
I
V
=31V
O
V =10.8V
I
V =7V
I
0
50
100
150
200
250
300
I
-OutputCurrent-mA
O
82
84
86
88
90
92
94
96
98
100
V =10.8V
I
V
=31V
O
V
=29V
O
V
=33V
O
V
=36V
O
TPS61185
SLVSAA1A – APRIL 2010 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURES
Load efficiency of TPS61185
VIN = 10.8 V; VO = 29 V, 31 V, 33 V and 36 V; L = 10 µH
Figure 1
Load efficiency of TPS61185
VIN = 7 V, 10.8 V and 24 V; VO = 31 V; L = 10 µH
Figure 2
PWM dimming efficiency
VIN = 7 V, 10.8 V and 24 V; VO = 36 V; L = 10 µH; RISET = 62 kΩ
Figure 3
PWM dimming efficiency
VIN = 7 V, 10.8 V and 24 V; VO = 30 V; L = 10 µH; RISET = 62 kΩ
Figure 4
Dimming linearity
VIN = 10.8 V; VO = 36 V; FPWMO = 210 Hz; RISET = 62 kΩ; MODE = OPEN
Figure 5
Dimming linearity
VIN = 10.8 V; VO = 36 V; FPWMO = 1 kHz; RISET = 62 kΩ; MODE = OPEN
Figure 6
Dimming linearity
VIN = 10.8 V; VO = 36 V; FPWMO = 210 Hz; RISET = 62 kΩ; MODE = GND
Figure 7
Dimming linearity
VIN = 10.8 V; VO = 36 V; FPWMO = 20 kHz; RISET = 62 kΩ; MODE = GND
Figure 8
Boost switching frequency
VIN = 10.8 V; VO = 36 V; RISET = 62 kΩ; MODE = OPEN
Figure 9
Programmable PWM dimming frequency
VIN = 10.8 V; VO = 36 V; RISET = 62 kΩ; MODE = OPEN
Figure 10
Switching waveform
VIN = 5 V; VO = 36 V; L = 10 µH; RISET = 62 kΩ
Figure 11
Switching waveform
VIN = 21 V; VO = 36 V; L = 10 µH; RISET = 62kΩ
Figure 12
Startup waveform
VIN = 10.8 V; VO = 36 V; RISET = 62 kΩ
Figure 13
Shutdown waveform
VIN = 10.8 V; VO = 36 V; RISET = 62kΩ
Figure 13
PWM dimming
VIN = 10.8 V; VO = 36 V; ISET = 20 µA; FPWMO = 210 Hz; D = 1%
Figure 15
PWM dimming
VIN = 10.8 V; VO = 36 V; ISET = 20 µA; FPWMO = 20 kHz; D = 10%
Figure 16
Figure 1. Efficiency vs. Output Current
Figure 2. Efficiency vs. Output Current
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61185


Similar Part No. - TPS61185RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI1-TPS61180 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI-TPS61180RTE Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI1-TPS61180RTE Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTER TI-TPS61180RTER Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61185RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
   High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com