Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS63021DSJT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63021DSJT
Description  HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63021DSJT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS63021DSJT Datasheet HTML 7Page - Texas Instruments TPS63021DSJT Datasheet HTML 8Page - Texas Instruments TPS63021DSJT Datasheet HTML 9Page - Texas Instruments TPS63021DSJT Datasheet HTML 10Page - Texas Instruments TPS63021DSJT Datasheet HTML 11Page - Texas Instruments TPS63021DSJT Datasheet HTML 12Page - Texas Instruments TPS63021DSJT Datasheet HTML 13Page - Texas Instruments TPS63021DSJT Datasheet HTML 14Page - Texas Instruments TPS63021DSJT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
V
= 4.2 V, I
= 500 mA to 1500 mA
IN
OUT
Time 2 ms/div
TPS63021
Output Voltage
50 mV/div, AC
Output Current
500 mA/div, DC
V
= 3.0 V to 3.7 V, I
= 1500 mA
IN
OUT
Time 2 ms/div
TPS63021
Output Voltage
50 mV/div, AC
Input Voltage
500 mV/div, AC
V
= 2.4 V, R = 2.2
IN
L
W
Time 100 s/div
m
TPS63021
Enable
2 V/div, DC
Output Voltage
1 V/div, DC
Inductor Current
1 A/div, DC
Voltage at L1
5 V/div, DC
V
= 4.2 V, R = 2.2
IN
L
W
Time 40 s/div
m
TPS63021
Enable
2 V/div, DC
Output Voltage
1 V/div, DC
Inductor Current
500 mA/div, DC
Voltage at L2
5 V/div, DC
TPS63020
TPS63021
www.ti.com
SLVS916 – APRIL 2010
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 17.
Figure 18.
STARTUP AFTER ENABLE
STARTUP AFTER ENABLE
Figure 19.
Figure 20.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS63020 TPS63021


Similar Part No. - TPS63021DSJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63021DSJT TI-TPS63021DSJT Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
More results

Similar Description - TPS63021DSJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020 TI-TPS63020_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6302x High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020-Q1 TI-TPS63020-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS63020-Q1 High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
logo
Texas Instruments
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
logo
Monolithic Power System...
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com