Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G53 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1G53
Description  2-channel analog multiplexer/demultiplexer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G53 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G53 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G53 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
74LVC1G53_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 June 2008
6 of 23
NXP Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
10. Static characteristics
[1]
Typical values are measured at Tamb =25 °C.
[2]
These typical values are measured at VCC = 3.3 V.
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Tamb = −40 °C to +85 °C
Tamb = −40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.65 V to 1.95 V
0.65
× V
CC
-
-
0.65
× V
CC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 3 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7
× V
CC
-
-
0.7
× V
CC
-V
VIL
LOW-level
input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
× V
CC
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 3 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
× V
CC
-
0.3
× V
CC
V
II
input leakage
current
pin S and pin E;
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
[2]
-
±0.1
±2-
±10
µA
IS(OFF)
OFF-state
leakage
current
VI = VIH or VIL;
VCC = 5.5 V;
see Figure 7
[2]
-
±0.1
±5-
±20
µA
IS(ON)
ON-state
leakage
current
VI = VIH or VIL;
VCC = 5.5 V;
see Figure 8
[2]
-
±0.1
±5-
±20
µA
ICC
supply current
VI = 5.5 V or GND;
VSW = GND or VCC;
IO =0A;
VCC = 1.65 V to 5.5 V
[2]
-
0.1
10
-
40
µA
∆I
CC
additional
supply current
pin S and pin E;
VI =VCC − 0.6 V;
IO =0A;
VSW = GND or VCC;
VCC = 5.5 V
[2]
-
5
500
-
5000
µA
CI
input
capacitance
-
2.5
-
-
-
pF
CS(OFF)
OFF-state
capacitance
-
6.0
-
-
-
pF
CS(ON)
ON-state
capacitance
-18
-
-
-
pF


Similar Part No. - 74LVC1G53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G53 PHILIPS-74LVC1G53 Datasheet
128Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 01-10 January 2006
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Nexperia B.V. All right...
74LVC1G53 NEXPERIA-74LVC1G53 Datasheet
338Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 12 - 20 July 2021
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74LVC1G53DC PHILIPS-74LVC1G53DC Datasheet
128Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 01-10 January 2006
More results

Similar Description - 74LVC1G53

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com