Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP320C6713BZDP200 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP320C6713BZDP200
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6713BZDP200 Datasheet(HTML) 4 Page - Texas Instruments

  TMP320C6713BZDP200 Datasheet HTML 1Page - Texas Instruments TMP320C6713BZDP200 Datasheet HTML 2Page - Texas Instruments TMP320C6713BZDP200 Datasheet HTML 3Page - Texas Instruments TMP320C6713BZDP200 Datasheet HTML 4Page - Texas Instruments TMP320C6713BZDP200 Datasheet HTML 5Page - Texas Instruments TMP320C6713BZDP200 Datasheet HTML 6Page - Texas Instruments TMP320C6713BZDP200 Datasheet HTML 7Page - Texas Instruments TMP320C6713BZDP200 Datasheet HTML 8Page - Texas Instruments TMP320C6713BZDP200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 153 page
background image
TMS320C6713B
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS294B − OCTOBER 2005 − REVISED JUNE 2006
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
57
Terminal Functions, Reserved for Test section:
Updated/changed Description for RSV Signal Name, A12 GDP (to “recommended”) − [Revision A]
Updated/changed Description for RSV Signal Name, B11 GDP (to “recommended”) − [Revision A]
57
Terminal Functions, Reserved for Test section:
Updated/changed Description for RSV Signal Name D12 to include PYP 178 as follows:
“...the D12/178 pin must be externally pulled down with a 10−k
Ω resistor.” [Revision B]
66
Device Support, device and development-support tool nomenclature section:
Updated figure for clarity
67
Device Support, document support section:
Updated paragraphs for clarity
92
Power−Down Mode Logic − Triggering, Wake−up and Effects section:
Updated paragraphs [Revision B]
93
Power−Down Mode Logic − Triggering, Wake−up and Effects section, Characteristics of the Power-Down Modes table:
Added “It is recommended to use the PLLPWDN bit (PLLCSR.1) as an alternative to PD3” to PRWD Field (BITS 15−10) −
011100 − Effect on Chip’s Operation [Revision B]
93
Power−Down Mode Logic − Triggering, Wake−up and Effects section, Characteristics of the Power-Down Modes table:
Deleted three paragraphs following table [Revision B]
95
IEEE 1149.1 JTAG Compatibility Statement section:
Updated/added paragraphs for clarity
96
EMIF Device Speed section, Example Boards and Maximum EMIF Speed table:
Type − 3−Loads Short Traces, EMIF Interface Components section:
Updated from “32−Bit SDRAMs” to “16−Bit SDRAMs” [Revision B]
95
IEEE 1149.1 JTAG Compatibility Statement section:
Updated/added paragraphs for clarity
99
Recommended Operating Conditions:
Added VOS, Maximum voltage during overshoot row and associated footnote
Added VUS, Maximum voltage during undershoot row and associated footnote
102
Parameter Measurement Information, AC transient rise/fall time specifications section:
Added AC Transient Specification Rise Time figure
Added AC Transient Specification Fall Time figure
124
MULTICHANNEL AUDIO SERIAL PORT (McASP) TIMING:
timing requirements for McASP section:
Updated Parameter No. 3, tc(ACKRX), from “33” to “greater of 2P or 33 ns” and added associated footnote
124
MULTICHANNEL AUDIO SERIAL PORT (McASP) TIMING:
switching characteristics over recommended operating conditions for McASP section:
Updated Parameter No. 11, tc(ACKRX), from “33” to “greater of 2P or 33 ns” and added associated footnote
125, 126
MULTICHANNEL AUDIO SERIAL PORT (McASP) TIMING section:
Updated McASP Input and Output drawings
134
MULTICHANNEL BUFFERED SERIAL PORT TIMING section:
switching characteristics over recommended operating conditions for McBSP section:
Updated McBSP Timings figure
147
Mechanical Data section:
Added statement to the Packaging Information section


Similar Part No. - TMP320C6713BZDP200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320C6713BGDP20EP TI-TMP320C6713BGDP20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6713BGDPA20EP TI-TMP320C6713BGDPA20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6713BGDPM20EP TI-TMP320C6713BGDPM20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6713BGDPS20EP TI-TMP320C6713BGDPS20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6713BGFN20EP TI-TMP320C6713BGFN20EP Datasheet
1Mb / 131P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMP320C6713BZDP200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com