Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL4051AIDBZRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # TL4051AIDBZRG4
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL4051AIDBZRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL4051AIDBZRG4 Datasheet HTML 9Page - Texas Instruments TL4051AIDBZRG4 Datasheet HTML 10Page - Texas Instruments TL4051AIDBZRG4 Datasheet HTML 11Page - Texas Instruments TL4051AIDBZRG4 Datasheet HTML 12Page - Texas Instruments TL4051AIDBZRG4 Datasheet HTML 13Page - Texas Instruments TL4051AIDBZRG4 Datasheet HTML 14Page - Texas Instruments TL4051AIDBZRG4 Datasheet HTML 15Page - Texas Instruments TL4051AIDBZRG4 Datasheet HTML 16Page - Texas Instruments TL4051AIDBZRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
Adjustable Version
R
S
TL4051x (Adj)
VS
R1
R2
V = V
(1 + R2/R1)
Z
REF
+
V
REF
-
Cathode and Load Currents
R
S
+
V
S
* VZ
(I
L
) IZ)
(1)
TL4051x12
I + I
Z
L
I
L
I
Z
V
S
V
Z
R
S
TL4051
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS487 – JUNE 2007
APPLICATION INFORMATION (continued)
The adjustable version allows VZ to be set by a user-defined resistor divider. The output voltage, VZ, is set
according to the equation shown in Figure 3.
Figure 3. Adjustable Shunt Regulator
In a typical shunt regulator configuration (see Figure 4), an external resistor, RS, is connected between the
supply and the cathode of the TL4051. RS must be set properly, as it sets the total current available to supply
the load (IL) and bias the TL4051 (IZ). In all cases, IZ must stay within a specified range for proper operation of
the reference. Taking into consideration one extreme in the variation of the load and supply voltage (maximum IL
and minimum VS), RS must be small enough to supply the minimum IZ required for operation of the regulator, as
given by data sheet parameters. At the other extreme, maximum VS and minimum IL, RS must be large enough
to limit IZ to less than its maximum recommended rating of 12 mA.
RS is calculated as shown in Equation 1.
Figure 4. Shunt Regulator
13
Submit Documentation Feedback


Similar Part No. - TL4051AIDBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4051AIDBZRG4 TI-TL4051AIDBZRG4 Datasheet
596Kb / 25P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4051AIDBZRG4 TI1-TL4051AIDBZRG4 Datasheet
697Kb / 27P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - TL4051AIDBZRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com