Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS63010 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS63010
Description  HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63010 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS63010_09 Datasheet HTML 18Page - Texas Instruments TPS63010_09 Datasheet HTML 19Page - Texas Instruments TPS63010_09 Datasheet HTML 20Page - Texas Instruments TPS63010_09 Datasheet HTML 21Page - Texas Instruments TPS63010_09 Datasheet HTML 22Page - Texas Instruments TPS63010_09 Datasheet HTML 23Page - Texas Instruments TPS63010_09 Datasheet HTML 24Page - Texas Instruments TPS63010_09 Datasheet HTML 25Page - Texas Instruments TPS63010_09 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
THERMAL INFORMATION
P
D(MAX)
+
T
J(MAX)
* T
A
R
q
JA
+ 125°C * 85°C
84
°C W
+ 476 mW
(7)
PACKAGE INFORMATION
Package Dimensions
TPS63010
TPS63011
TPS63012
SLVS653A – JUNE 2008 – REVISED AUGUST 2009 ........................................................................................................................................................ www.ti.com
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependent issues such as thermal coupling, airflow, added
heat sinks and convection surfaces, and the presence of other heat-generating components affect the
power-dissipation limits of a given component.
Three basic approaches for enhancing thermal performance are listed below.
1. Improving the power dissipation capability of the PCB design
2. Improving the thermal coupling of the component to the PCB by soldering all pins to traces as wide as
possible.
3. Introducing airflow in the system
The maximum recommended junction temperature (TJ) of the TPS6301x devices is 125°C. The thermal
resistance of this 20-pin chipscale package (YFF) is RθJA = 84°C/W, if all pins are soldered. Specified regulator
operation is assured to a maximum ambient temperature TA of 85°C. Therefore, the maximum power dissipation
is about 476 mW, as calculated in Equation 7. More power can be dissipated if the maximum ambient
temperature of the application is lower.
The package dimensions for this YFF package are shown in the table below. See the package drawing at the
end of this data sheet for more details.
YFF Package Dimensions
Packaged Devices
D
E
TPS63010YFF
2.14 ± 0.05 mm
1.93 ± 0.05 mm
22
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS63010 TPS63011 TPS63012


Similar Part No. - TPS63010_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010YFF TI-TPS63010YFF Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFF TI1-TPS63010YFF Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFFR TI-TPS63010YFFR Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFFR TI-TPS63010YFFR Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFFR TI1-TPS63010YFFR Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
More results

Similar Description - TPS63010_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010 TI-TPS63010_10 Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
[Old version datasheet]   Highly Efficient, Single Inductor Buck-Boost Converter
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000_12 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_15 Datasheet
1,016Kb / 25P
[Old version datasheet]   TPS6300x High-Efficient Single Inductor Buck-Boost Converter With 1.8-A Switches
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com