Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS63010 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS63010
Description  HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63010 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS63010_09 Datasheet HTML 12Page - Texas Instruments TPS63010_09 Datasheet HTML 13Page - Texas Instruments TPS63010_09 Datasheet HTML 14Page - Texas Instruments TPS63010_09 Datasheet HTML 15Page - Texas Instruments TPS63010_09 Datasheet HTML 16Page - Texas Instruments TPS63010_09 Datasheet HTML 17Page - Texas Instruments TPS63010_09 Datasheet HTML 18Page - Texas Instruments TPS63010_09 Datasheet HTML 19Page - Texas Instruments TPS63010_09 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
OutputVoltage
1V/div,DC
Enable
5V/div,DC
V =4.2V,R =11
I
L
W
InductorCurrent
500mA/div,DC
VoltageatL1
2V/div,DC
Timebase100 s/div
m
TPS63012,V =3.4V
O
G035
PARAMETER MEASUREMENT INFORMATION
L1
VIN
VINA
EN
PS
GND
L2
VOUT
FB
PGND
L1
C2
C1
VIN
VOUT
TPS6301X
SYNC
VSEL
VINA1
C3
R2
R1
TPS63010
TPS63011
TPS63012
SLVS653A – JUNE 2008 – REVISED AUGUST 2009 ........................................................................................................................................................ www.ti.com
START-UP AFTER ENABLE
(TPS63012)
Figure 29.
List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
TPS6301 0 / 1 / 2
Texas Instruments
L1
LPS3015-222
Coilcraft
C1
GRM188R60J106M (10
µF 6.3V,
Murata
0603)
C2
2 × GRM188R60J106M (10
µF 6.3V, Murata
0603)
C3
0.1
µF, X7R ceramic
R1, R2
Depending on the output voltage at TPS63010, not used at TPS6301 1 / 2 (R1 shorted)
16
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS63010 TPS63011 TPS63012


Similar Part No. - TPS63010_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010YFF TI-TPS63010YFF Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFF TI1-TPS63010YFF Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFFR TI-TPS63010YFFR Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFFR TI-TPS63010YFFR Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010YFFR TI1-TPS63010YFFR Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
More results

Similar Description - TPS63010_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010 TI-TPS63010_10 Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
[Old version datasheet]   Highly Efficient, Single Inductor Buck-Boost Converter
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000_12 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_15 Datasheet
1,016Kb / 25P
[Old version datasheet]   TPS6300x High-Efficient Single Inductor Buck-Boost Converter With 1.8-A Switches
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com