Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G86GW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC1G86GW
Description  2-input EXCLUSIVE-OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G86GW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G86GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G86GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G86GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G86GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G86GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G86GW Datasheet HTML 11Page - NXP Semiconductors 74LVC1G86GW Datasheet HTML 12Page - NXP Semiconductors 74LVC1G86GW Datasheet HTML 13Page - NXP Semiconductors 74LVC1G86GW Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
74LVC1G86_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 18 July 2007
10 of 14
NXP Semiconductors
74LVC1G86
2-input EXCLUSIVE-OR gate
Fig 11. Package outline SOT886 (XSON6)
terminal 1
index area
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT886
MO-252
SOT886
04-07-15
04-07-22
DIMENSIONS (mm are the original dimensions)
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
Notes
1. Including plating thickness.
2. Can be visible in some manufacturing processes.
UNIT
mm
0.25
0.17
1.5
1.4
0.35
0.27
A1
max
b
E
1.05
0.95
D
ee1
L
0.40
0.32
L1
0.5
0.6
A(1)
max
0.5
0.04
1
6
2
5
3
4
6
×
(2)
4
×
(2)
A


Similar Part No. - 74LVC1G86GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G86GW PHILIPS-74LVC1G86GW Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74LVC1G86GW PHILIPS-74LVC1G86GW Datasheet
86Kb / 15P
   2-input EXCLUSIVE-OR gate
2004 Sep 08
logo
Nexperia B.V. All right...
74LVC1G86GW NEXPERIA-74LVC1G86GW Datasheet
255Kb / 16P
   2-input EXCLUSIVE-OR gate
Rev. 13 - 7 January 2022
74LVC1G86GW-Q100 NEXPERIA-74LVC1G86GW-Q100 Datasheet
183Kb / 13P
   2-input EXCLUSIVE-OR gate
More results

Similar Description - 74LVC1G86GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com