Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC8300IPWRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPIC8300IPWRQ1
Description  PRESSURE SENSOR SIGNAL CONDITIONING INTERFACE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC8300IPWRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPIC8300IPWRQ1 Datasheet HTML 6Page - Texas Instruments TPIC8300IPWRQ1 Datasheet HTML 7Page - Texas Instruments TPIC8300IPWRQ1 Datasheet HTML 8Page - Texas Instruments TPIC8300IPWRQ1 Datasheet HTML 9Page - Texas Instruments TPIC8300IPWRQ1 Datasheet HTML 10Page - Texas Instruments TPIC8300IPWRQ1 Datasheet HTML 11Page - Texas Instruments TPIC8300IPWRQ1 Datasheet HTML 12Page - Texas Instruments TPIC8300IPWRQ1 Datasheet HTML 13Page - Texas Instruments TPIC8300IPWRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
TPIC83000-Q1
SLDS171 – NOVEMBER 2009
www.ti.com
Device Communication Modes
The TPIC83000 is a pressure sensing conditioning device that interfaces with a microprocessor. The TPIC83000
has register addressing that is partitioned into seven bank mode addresses (labeled 00h to 06h) and 27 field
mode addresses (labeled 00h to 1Ah) as shown in Table 3 and Table 4. Bank addresses 00h to 05h are located
in the EEPROM, and bank address 06h is located in the logic (DSP) block. Field addresses 00h to 16h are
located in the EEPROM, and field addresses 17h to 1Ah are located in the logic (DSP) block. See Table 3 and
Table 4 for details.
Table 3. EEPROM Map
BANK
FIELD
READ/
MODE
MODE
DATA FIELD
FIELD NAME
DESCRIPTION
DEFAULT
WRITE
ADDRESS ADDRESS
0000
00000
Sensor ID(43:0)
SENID
Sensor ID
R/W
0
-
00001
PositionID(1:0)
PSNID
Position ID
R/W
0
0001
00010
TRHS(3:0)
TRHS
Over-pressure comparator threshold
R/W
1101
-
00011
TRDELAY(1:0)
TRDELAY
Over-pressure comparator timer
R/W
10
-
00100
TRHSGAIN(2:0)
TRHSGAIN
Over-pressure comparator gain adjust
R/W
0
0010
00101
Config(3:0)
CONFBPS
Baud rate
R/W
10
TRVOSC[16:8] =
0011
00110
TRVOS(16:8)
TRVOSC
Input coarse offset
R/W
TEMP2[11:3](1)
-
00111
TRVOS(7:0)
TRVOSF
Input fine offset
R/W
10000000
Input offset first-order temperature
-
01000
TC1OFF(6:0)
TRTCVOS1
R/W
0
coefficient
Input offset second-order temperature
-
01001
TC2OFF(6:0)
TRTCVOS2
R/W
0
coefficient
-
01010
GAIN(8:0)
TRGAIN
Gain adjust
R/W
0
-
01011
TCGAIN(5:0)
TRTCGAIN1
Gain first-order temperature coefficient
R/W
100010
0100
01100
TEMPOUT0(11:0)
TEMP0
Temperature sensor data 1
R/W
0
-
01101
TEMPOUT1(11:0)
TEMP1
Temperature sensor data 2
R/W
VPHS
-
01110
TEMPOUT2(11:0)
TEMP2
Temperature sensor data 3
R/W
0
History of over-pressure comparator
0101
01111
MTRHS(3:0)
MTRHS
R
N/A
threshold
-
10000
MTR DELAY(1:0)
MTRDELAY
History of over-pressure comparator timer
R
N/A
-
10001
MTRHSGAIN(2:0)
MTRHSGAIN
History of over-pressure comparator gain
R
N/A
-
10010
MTR VOS(16:0)
MTRVOSC
History of input coarse offset
R
N/A
-
10011
MTC1OFF(6:0)
MTRTCVOS1
History of input fine offset
R
N/A
History of offset first order temperature
-
10100
MTC2OFF(6:0)
MTRTCVOS2
R
N/A
coefficient
History of offset second order temperature
-
10101
MGAIN(8:0)
MTRGAIN
R
N/A
coefficient
History of gain first order temperature
-
10110
MTCGAIN(5:0)
MTRTCGAIN1
R
N/A
coefficient
(1)
EED-1: All units are shipped with EEPROM values shown in "Default" column.
Table 4. Logic (DSP) Map
BANK
FIELD
READ/
MODE
MODE
DATA FIELD
FIELD NAME
DESCRIPTION
DEFAULT (1)
WRITE
ADDRESS ADDRESS
0110
10111
OUTDATA(9:0)
OUTDATA
Sensor pressure data
R
0
-
11000
OUTTEMP(9:0)
OUTTEMP
Sensor temperature data
R
0
-
11001
ADCDAT(13:0)
ADCDAT
Sensor pressure data from ADC
R
0
-
11010
ADCTMP(11:0)
ADCTMP
Sensor temperature data from ADC
R
0
1000
-
DIAG/UART
Diagnostics and UART
W/R
0
(1)
EED-1: All units are shipped with EEPROM values shown in Default column.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPIC83000-Q1


Similar Part No. - TPIC8300IPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101 TI-TPIC8101 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DW TI-TPIC8101DW Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWG4 TI-TPIC8101DWG4 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWR TI-TPIC8101DWR Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
More results

Similar Description - TPIC8300IPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
logo
Melexis Microelectronic...
MLX90323 MELEXIS-MLX90323 Datasheet
367Kb / 25P
   4 ??20 mA Loop Sensor Interface with Signal Conditioning and EEPROM
logo
STMicroelectronics
AN4451 STMICROELECTRONICS-AN4451 Datasheet
355Kb / 15P
   Signal conditioning for a UV sensor
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
logo
Asahi Kasei Microsystem...
AK8996 AKM-AK8996 Datasheet
1Mb / 74P
   Pressure Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com