Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1806ZWTD4 Datasheet(PDF) 6 Page - Texas Instruments

Part # AM1806ZWTD4
Description  AM1806 ARM Microprocessor
Download  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806ZWTD4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM1806ZWTD4 Datasheet HTML 2Page - Texas Instruments AM1806ZWTD4 Datasheet HTML 3Page - Texas Instruments AM1806ZWTD4 Datasheet HTML 4Page - Texas Instruments AM1806ZWTD4 Datasheet HTML 5Page - Texas Instruments AM1806ZWTD4 Datasheet HTML 6Page - Texas Instruments AM1806ZWTD4 Datasheet HTML 7Page - Texas Instruments AM1806ZWTD4 Datasheet HTML 8Page - Texas Instruments AM1806ZWTD4 Datasheet HTML 9Page - Texas Instruments AM1806ZWTD4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 241 page
background image
AM1806
SPRS658B – FEBRUARY 2010 – REVISED MAY 2010
www.ti.com
1
AM1806 ARM Microprocessor
........................ 1
6.7
Interrupts
............................................ 75
6.8
Power and Sleep Controller (PSC)
................. 81
1.1
Features
.............................................. 1
6.9
EDMA
............................................... 86
1.2
Trademarks
.......................................... 3
6.10
External Memory Interface A (EMIFA)
............. 92
1.3
Description
........................................... 4
6.11
DDR2/mDDR Controller
........................... 102
1.4
Functional Block Diagram
............................ 5
6.12
Memory Protection Units
.......................... 115
2
Revision History
......................................... 7
6.13
MMC / SD / SDIO (MMCSD0, MMCSD1)
......... 118
3
Device Overview
........................................ 8
6.14
Multichannel Audio Serial Port (McASP)
.......... 121
3.1
Device Characteristics
............................... 8
6.15
Multichannel Buffered Serial Port (McBSP)
....... 130
3.2
Device Compatibility
................................. 9
6.16
Serial Peripheral Interface Ports (SPI0, SPI1)
.... 140
3.3
ARM Subsystem
..................................... 9
6.17
Inter-Integrated Circuit Serial Ports (I2C)
......... 163
6.18
Universal Asynchronous Receiver/Transmitter
3.4
Memory Map Summary
............................. 12
(UART)
............................................ 167
3.5
Pin Assignments
.................................... 15
6.19
Universal Serial Bus OTG Controller (USB0)
3.6
Pin Multiplexing Control
............................ 18
[USB2.0 OTG]
..................................... 169
3.7
Terminal Functions
................................. 19
6.20
LCD Controller (LCDC)
............................ 176
4
Device Configuration
................................. 56
6.21
Host-Port Interface (UHPI)
........................ 191
4.1
Boot Modes
......................................... 56
6.22
Universal Parallel Port (uPP)
...................... 199
6.23
Video Port Interface (VPIF)
....................... 204
4.2
SYSCFG Module
................................... 56
6.24
Enhanced Capture (eCAP) Peripheral
............ 210
4.3
Pullup/Pulldown Resistors
.......................... 59
6.25
Enhanced High-Resolution Pulse-Width Modulator
5
Device Operating Conditions
....................... 60
(eHRPWM)
........................................ 213
5.1
Absolute Maximum Ratings Over Operating
6.26
Timers
............................................. 218
Junction Temperature Range
6.27
Real Time Clock (RTC)
........................... 220
(Unless Otherwise Noted)
................................. 60
6.28
General-Purpose Input/Output (GPIO)
............ 223
5.2
Recommended Operating Conditions
.............. 61
6.29
Programmable Real-Time Unit Subsystem (PRUSS)
5.3
Electrical Characteristics Over Recommended
..................................................... 227
Ranges of Supply Voltage and Operating Junction
6.30
Emulation Logic
................................... 230
Temperature (Unless Otherwise Noted)
............ 63
7
Device and Documentation Support
............. 236
6
Peripheral Information and Electrical
Specifications
.......................................... 64
7.1
Device Support
.................................... 236
6.1
Parameter Information
.............................. 64
7.2
Documentation Support
........................... 236
6.2
Recommended Clock and Control Signal Transition
8
Mechanical Packaging and Orderable
Behavior
............................................ 65
Information
............................................ 237
6.3
Power Supplies
..................................... 65
8.1
Device and Development-Support Tool
6.4
Reset
............................................... 66
Nomenclature
..................................... 237
6.5
Crystal Oscillator or External Clock Input
.......... 69
8.2
Thermal Data for ZCE Package
................... 238
6.6
Clock PLLs
......................................... 70
8.3
Thermal Data for ZWT Package
.................. 239
6
Contents
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1806


Similar Part No. - AM1806ZWTD4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1806 TI-AM1806 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1806 TI-AM1806 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1806 TI1-AM1806 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1806 TI-AM1806 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
More results

Similar Description - AM1806ZWTD4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1806 TI-AM1806 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1806 TI-AM1806_15 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com