Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM355SZCEA216 Datasheet(PDF) 10 Page - Texas Instruments

Part # DM355SZCEA216
Description  Digital Media System-on-Chip (DMSoC)
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM355SZCEA216 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DM355SZCEA216 Datasheet HTML 6Page - Texas Instruments DM355SZCEA216 Datasheet HTML 7Page - Texas Instruments DM355SZCEA216 Datasheet HTML 8Page - Texas Instruments DM355SZCEA216 Datasheet HTML 9Page - Texas Instruments DM355SZCEA216 Datasheet HTML 10Page - Texas Instruments DM355SZCEA216 Datasheet HTML 11Page - Texas Instruments DM355SZCEA216 Datasheet HTML 12Page - Texas Instruments DM355SZCEA216 Datasheet HTML 13Page - Texas Instruments DM355SZCEA216 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 159 page
background image
2.3 Pin Assignments
2.3.1
Pin Map (Bottom View)
9
J
8
VSSA_PLL2
7
VDDA33_USB
6
5
4
3
1
H
G
VDDA13_USB
VSS
F
E
D
CIN2
C
B
A
VREF
CIN3
CIN0
VDDA_PLL2
VSS
LCD_OE
FIELD
VCLK
VSS
VSS
CVDD
VSYNC
EXTCLK
VFB
VDD_VOUT
VDD_VOUT
VDD_VOUT
HSYNC
COUT0
COUT1
TVOUT
TDO
EMU0
EMU1
VSS_USB
USB_VBUS
COUT2
COUT3
IOUT
TDI
TMS
VSS_USB
USB_ID
COUT4
VSS
TRST
VSS_USB_REF
USB_R1
VDDD13_USB
USB_DRV
VBUS
CVDD
YOUT7
COUT5
MXO1
VSS
VSS_USB
VDDA33_USB_
PLL
VSS
YOUT5
YOUT4
YOUT0
MXI1
VSS
USB_DP
USB_DM
VSS
YOUT6
YOUT2
CVDD
2
VSS
VSS
VSS
IBIAS
VSS
COUT6
COUT7
YOUT3
YOUT1
RSV01
VDD
VDD
NC
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463F – SEPTEMBER 2007 – REVISED JANUARY 2009
www.ti.com
Table 2-3. DM355 ARM Configuration Bus Access to Peripherals (continued)
Address
Accessibility
Reserved
0x0C00 0000
0x0FFF FFFF
64M
Extensive use of pin multiplexing is used to accommodate the largest number of peripheral functions in
the smallest possible package. Pin multiplexing is controlled using a combination of hardware
configuration at device reset and software programmable register settings.
Figure 2-1 through Figure 2-4 show the pin assignments in four quadrants (A, B, C, and D). Note that
micro-vias are not required. Contact your TI representative for routing recommendations.
Figure 2-1. Pin Map [Quadrant A]
10
Device Overview
Submit Documentation Feedback


Similar Part No. - DM355SZCEA216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM355SDZCEA216 TI1-DM355SDZCEA216 Datasheet
1Mb / 163P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - DM355SZCEA216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com