Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3111D1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3111D1
Description  10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3111D1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA3111D1 Datasheet HTML 4Page - Texas Instruments TPA3111D1 Datasheet HTML 5Page - Texas Instruments TPA3111D1 Datasheet HTML 6Page - Texas Instruments TPA3111D1 Datasheet HTML 7Page - Texas Instruments TPA3111D1 Datasheet HTML 8Page - Texas Instruments TPA3111D1 Datasheet HTML 9Page - Texas Instruments TPA3111D1 Datasheet HTML 10Page - Texas Instruments TPA3111D1 Datasheet HTML 11Page - Texas Instruments TPA3111D1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
PO − Output Power − W
0.001
0.1
10
0.01
1
G005
f = 1 kHz
Gain = 20 dB
VCC = 24 V
ZL = 8 Ω + 66 µH
f = 20 Hz
f = 10 kHz
0.01
0.1
1
10
20
0.01
0.1
1
10
20
PO − Output Power − W
0.001
0.1
10
0.01
1
G006
f = 1 kHz
Gain = 20 dB
VCC = 12 V
ZL = 4 Ω + 33 µH
f = 20 Hz
f = 10 kHz
VPLIMIT − PLIMIT Voltage − V
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
G008
Gain = 20 dB
VCC = 12 V
ZL = 4 Ω + 33 µH
VPLIMIT − PLIMIT Voltage − V
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
G007
Gain = 20 dB
VCC = 24 V
ZL = 8 Ω + 66 µH
TPA3111D1
SLOS618 – AUGUST 2009 ................................................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
(All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3110D2 EVM which is
available at ti.com.)
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 6.
Figure 7.
MAXIMUM OUTPUT POWER
OUTPUT POWER
vs
vs
PLIMIT VOLTAGE
PLIMIT VOLTAGE
Note: Dashed line represents thermally limited region.
Note: Dashed line represents thermally limited region.
Figure 8.
Figure 9.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPA3111D1


Similar Part No. - TPA3111D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3111D1 TI-TPA3111D1 Datasheet
840Kb / 28P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI1-TPA3111D1 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
More results

Similar Description - TPA3111D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3111D1 TI1-TPA3111D1_17 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1_10 Datasheet
840Kb / 28P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1_10 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1EVM TI-TPA3112D1EVM Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com