Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G04GW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC1G04GW
Description  Single inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G04GW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G04GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 11Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 12Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 13Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 14Page - NXP Semiconductors 74LVC1G04GW Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
74LVC1G04_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 27 April 2009
11 of 15
NXP Semiconductors
74LVC1G04
Single inverter
Fig 11. Package outline SOT886 (XSON6)
terminal 1
index area
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT886
MO-252
SOT886
04-07-15
04-07-22
DIMENSIONS (mm are the original dimensions)
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
Notes
1. Including plating thickness.
2. Can be visible in some manufacturing processes.
UNIT
mm
0.25
0.17
1.5
1.4
0.35
0.27
A1
max
b
E
1.05
0.95
D
ee1
L
0.40
0.32
L1
0.5
0.6
A(1)
max
0.5
0.04
1
6
2
5
3
4
6
×
(2)
4
×
(2)
A


Similar Part No. - 74LVC1G04GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04GW PHILIPS-74LVC1G04GW Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
74LVC1G04GW NXP-74LVC1G04GW Datasheet
82Kb / 15P
   Single inverter
Rev. 07-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G04GW NEXPERIA-74LVC1G04GW Datasheet
272Kb / 18P
   Single inverter
Rev. 16 - 9 February 2022
74LVC1G04GW-Q100 NEXPERIA-74LVC1G04GW-Q100 Datasheet
779Kb / 13P
   Single inverter
More results

Similar Description - 74LVC1G04GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
   Single Inverter
July, 2016 ??Rev. 4
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
   Single Inverter
March, 2008 - Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
   Single Inverter
August, 2011 ??Rev. 1
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
   Single Inverter
January, 2005 ??Rev. 2
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER
logo
ON Semiconductor
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
   Single Inverter
August, 2012 ??Rev. 1
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
   Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
NL17SZ04XV5T2 ONSEMI-NL17SZ04XV5T2 Datasheet
59Kb / 6P
   Single Inverter
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com