Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320DAC3120 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320DAC3120
Description  Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC3120 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TLV320DAC3120 Datasheet HTML 52Page - Texas Instruments TLV320DAC3120 Datasheet HTML 53Page - Texas Instruments TLV320DAC3120 Datasheet HTML 54Page - Texas Instruments TLV320DAC3120 Datasheet HTML 55Page - Texas Instruments TLV320DAC3120 Datasheet HTML 56Page - Texas Instruments TLV320DAC3120 Datasheet HTML 57Page - Texas Instruments TLV320DAC3120 Datasheet HTML 58Page - Texas Instruments TLV320DAC3120 Datasheet HTML 59Page - Texas Instruments TLV320DAC3120 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
TLV320DAC3120
SLAS659 – NOVEMBER 2009
www.ti.com
Page 0 / Register 15: DAC IDAC_VAL(1)
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7–D0
R/W
1000 0000
0000 0000: Number of instruction for DAC miniDSP engine, IDAC = 1024
0000 0001: Number of instruction for DAC miniDSP engine, IDAC = 4
0000 0010: Number of instruction for DAC miniDSP engine, IDAC = 8
...
1111 1101: Number of instruction for DAC miniDSP engine, IDAC = 1012
1111 1110: Number of instruction for DAC miniDSP engine, IDAC = 1016
1111 1111: Number of instruction for DAC miniDSP engine, IDAC = 1020
(1)
IDAC should be an integral multiple of the interpolation in the DAC miniDSP engine (specified in register 16).
Page 0 / Register 16: DAC miniDSP Engine Interpolation
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7–D4
R/W
0000
Reserved. Do not write to these registers.
D3–D0
R/W
1000
0000: Interpolation ratio in DAC miniDSP engine = 16
0001: Interpolation ratio in DAC miniDSP engine = 1
0010: Interpolation ratio in DAC miniDSP engine = 2
...
1101: Interpolation ratio in DAC miniDSP engine = 13
1110: Interpolation ratio in DAC miniDSP engine = 14
1111: Interpolation ratio in DAC miniDSP engine = 15
Page 0 / Registers 17–24: Reserved
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7–D0
R/W
XXXX XXXX
Reserved. Do not write to these registers.
Page 0 / Registers 25: CLKOUT MUX
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7–D3
R/W
0000 0
Reserved
D2–D0
R/W
000
000: CDIV_CLKIN = MCLK (device pin)
001: CDIV_CLKIN = BCLK (device pin)
010: CDIV_CLKIN = DIN (can be used for the systems where DAC is not required)
011: CDIV_CLKIN = PLL_CLK (generated on-chip)
100: CDIV_CLKIN = DAC_CLK (DAC DSP clock - generated on-chip)
101: CDIV_CLKIN = DAC_MOD_CLK (generated on-chip)
110: Reserved
111: Reserved
Page 0 / Registers 26: CLKOUT M_VAL
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7
R/W
0
0: CLKOUT M divider is powered down.
1: CLKOUT M divider is powered up.
D6–D0
R/W
000 0001
000 0000: CLKOUT divider M = 128
000 0001: CLKOUT divider M = 1
000 0010: CLKOUT divider M = 2
...
111 1110: CLKOUT divider M = 126
111 1111: CLKOUT divider M = 127
56
REGISTER MAP
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLV320DAC3120


Similar Part No. - TLV320DAC3120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120IRHBR TI-TLV320DAC3120IRHBR Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120IRHBT TI-TLV320DAC3120IRHBT Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
More results

Similar Description - TLV320DAC3120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Texas Instruments
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com