Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC590BQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC590BQ
Description  8-bit binary counter with output register; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC590BQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC590BQ Datasheet HTML 3Page - NXP Semiconductors 74HC590BQ Datasheet HTML 4Page - NXP Semiconductors 74HC590BQ Datasheet HTML 5Page - NXP Semiconductors 74HC590BQ Datasheet HTML 6Page - NXP Semiconductors 74HC590BQ Datasheet HTML 7Page - NXP Semiconductors 74HC590BQ Datasheet HTML 8Page - NXP Semiconductors 74HC590BQ Datasheet HTML 9Page - NXP Semiconductors 74HC590BQ Datasheet HTML 10Page - NXP Semiconductors 74HC590BQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
74HC590_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 April 2009
7 of 21
NXP Semiconductors
74HC590
8-bit binary counter with output register; 3-state
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For DIP16 package: Ptot derates linearly with 12 mW/K above 70 °C.
For SO16 packages: Ptot derates linearly with 8 mW/K above 70 °C.
For TSSOP16 packages: Ptot derates linearly with 5.5 mW/K above 60 °C.
For DHVQFN16 packages: Ptot derates linearly with 8 mW/K above 60 °C.
8.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
VO = −0.5 V to VCC + 0.5 V
RCO standard output
-
±25
mA
Qn bus driver output
-
±35
mA
ICC
supply current
-
70
mA
IGND
ground current
−70
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2]
DIP16 package
-
750
mW
SO16 package
-
500
mW
TSSOP16 package
-
500
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
∆t/∆V
input transition rise and fall rate
VCC = 2.0 V
-
-
625
ns/V
VCC = 4.5 V
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
ns/V
Tamb
ambient temperature
−40
-
+125
°C


Similar Part No. - 74HC590BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC590BQ NEXPERIA-74HC590BQ Datasheet
295Kb / 18P
   8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
More results

Similar Description - 74HC590BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
   8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
logo
STMicroelectronics
M74HC590 STMICROELECTRONICS-M74HC590 Datasheet
1,019Kb / 15P
   8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
   8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
STMicroelectronics
M54HC590 STMICROELECTRONICS-M54HC590 Datasheet
827Kb / 16P
   RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
logo
Hitachi Semiconductor
HD74HC592 HITACHI-HD74HC592 Datasheet
62Kb / 9P
   8-bit Register/Binary Counter
logo
Renesas Technology Corp
HD74HC592 RENESAS-HD74HC592 Datasheet
107Kb / 9P
   8-bit Register/Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com