Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC258 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC258
Description  Quad 2-input multiplexer; 3-state; inverting
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC258 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC258 Datasheet HTML 2Page - NXP Semiconductors 74HC258 Datasheet HTML 3Page - NXP Semiconductors 74HC258 Datasheet HTML 4Page - NXP Semiconductors 74HC258 Datasheet HTML 5Page - NXP Semiconductors 74HC258 Datasheet HTML 6Page - NXP Semiconductors 74HC258 Datasheet HTML 7Page - NXP Semiconductors 74HC258 Datasheet HTML 8Page - NXP Semiconductors 74HC258 Datasheet HTML 9Page - NXP Semiconductors 74HC258 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74HC258_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 April 2008
6 of 14
NXP Semiconductors
74HC258
Quad 2-input multiplexer; 3-state; inverting
10. Dynamic characteristics
[1]
tpd is the same as tPHL and tPLH.
[2]
ten is the same as tPZH and tPZL.
[3]
tdis is the same as tPHZ and tPLZ.
[4]
tt is the same as tTHL and tTLH.
[5]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL × VCC2 × fo) = sum of outputs.
Table 7.
Dynamic characteristics
GND = 0 V; for test circuit see Figure 8.
Symbol
Parameter
Conditions
25
°C
−40 °C to +125 °C Unit
Min
Typ
Max
Max
(85
°C)
Max
(125
°C)
tpd
propagation delay
nl0, nI1to nY; see Figure 6
[1]
VCC = 2.0 V
-
30
95
120
145
ns
VCC = 4.5 V
-
11
19
24
29
ns
VCC = 6.0 V
-
9
16
20
25
ns
VCC = 5.0 V; CL = 15 pF
-
9
-
-
-
ns
S to nY; see Figure 6
VCC = 2.0 V
-
47
140
175
210
ns
VCC = 4.5 V
-
17
28
35
42
ns
VCC = 6.0 V
-
14
24
30
36
ns
VCC = 5.0 V; CL = 15 pF
-
14
-
-
-
ns
ten
enable time
OE to nY; see Figure 7
[2]
VCC = 2.0 V
-
39
140
175
210
ns
VCC = 4.5 V
-
14
28
35
42
ns
VCC = 6.0 V
-
11
24
30
36
ns
tdis
disable time
OE to nY; see Figure 7
[3]
VCC = 2.0 V
-
55
150
190
225
ns
VCC = 4.5 V
-
20
30
38
45
ns
VCC = 6.0 V
-
16
26
33
38
ns
tt
transition time
see Figure 6
[4]
VCC = 2.0 V
-
14
60
75
90
ns
VCC = 4.5 V
-
5
12
15
18
ns
VCC = 6.0 V
-
4
10
13
15
ns
CPD
power dissipation
capacitance
per multiplexer;
VI = GND to VCC
[5]
-55-
-
-
pF


Similar Part No. - 74HC258

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC258 PHILIPS-74HC258 Datasheet
83Kb / 16P
   Quad 2-input multiplexer; 3-state; inverting
1999 Sep 02
74HC258D PHILIPS-74HC258D Datasheet
83Kb / 16P
   Quad 2-input multiplexer; 3-state; inverting
1999 Sep 02
74HC258DB PHILIPS-74HC258DB Datasheet
83Kb / 16P
   Quad 2-input multiplexer; 3-state; inverting
1999 Sep 02
74HC258N PHILIPS-74HC258N Datasheet
83Kb / 16P
   Quad 2-input multiplexer; 3-state; inverting
1999 Sep 02
More results

Similar Description - 74HC258

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC258 PHILIPS-74HC258 Datasheet
83Kb / 16P
   Quad 2-input multiplexer; 3-state; inverting
1999 Sep 02
logo
STMicroelectronics
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
   HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
logo
Intersil Corporation
CD54AC257 INTERSIL-CD54AC257 Datasheet
10Kb / 1P
   Quad 2-Input Multiplexer Three-State, Non-Inverting
June 1997
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
ON Semiconductor
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com