Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC258 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC258
Description  Quad 2-input multiplexer; 3-state; inverting
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC258 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC258 Datasheet HTML 1Page - NXP Semiconductors 74HC258 Datasheet HTML 2Page - NXP Semiconductors 74HC258 Datasheet HTML 3Page - NXP Semiconductors 74HC258 Datasheet HTML 4Page - NXP Semiconductors 74HC258 Datasheet HTML 5Page - NXP Semiconductors 74HC258 Datasheet HTML 6Page - NXP Semiconductors 74HC258 Datasheet HTML 7Page - NXP Semiconductors 74HC258 Datasheet HTML 8Page - NXP Semiconductors 74HC258 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74HC258_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 April 2008
2 of 14
NXP Semiconductors
74HC258
Quad 2-input multiplexer; 3-state; inverting
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number Package
Temperature range
Name
Description
Version
74HC258N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HC258D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
74HC258DB
−40 °C to +125 °C
SSOP16 plastic shrink small outline package; 16 leads; body
width 5.3 mm
SOT338-1
Fig 1.
Functional diagram
Fig 2.
Logic symbol
001aab968
2
S
1I0
1Y
4
2Y
7
3Y
9
4Y
12
OE
1
15
3
1I1
5
2I0
6
2I1
11
3I0
10
3I1
14
4I0
13
4I1
SELECTOR
3-STATE MULTIPLEXER OUTPUTS
001aab966
1I0
1I1
2I0
2I1
3I0
3I1
4I0
4I1
S
1Y
2Y
3Y
4Y
1
12
9
7
4
13
OE
15
14
10
11
6
5
3
2
Fig 3.
IEC logic symbol
Fig 4.
Logic diagram
001aab967
12
9
7
15
EN
1
G1
1
MUX
4
13
14
10
11
6
5
3
2
1
001aab969
1I0
1I1
2I0
2I1
3I0
3I1
4I0
4I1
S
OE
1Y
2Y
3Y
4Y


Similar Part No. - 74HC258

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC258 PHILIPS-74HC258 Datasheet
83Kb / 16P
   Quad 2-input multiplexer; 3-state; inverting
1999 Sep 02
74HC258D PHILIPS-74HC258D Datasheet
83Kb / 16P
   Quad 2-input multiplexer; 3-state; inverting
1999 Sep 02
74HC258DB PHILIPS-74HC258DB Datasheet
83Kb / 16P
   Quad 2-input multiplexer; 3-state; inverting
1999 Sep 02
74HC258N PHILIPS-74HC258N Datasheet
83Kb / 16P
   Quad 2-input multiplexer; 3-state; inverting
1999 Sep 02
More results

Similar Description - 74HC258

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC258 PHILIPS-74HC258 Datasheet
83Kb / 16P
   Quad 2-input multiplexer; 3-state; inverting
1999 Sep 02
logo
STMicroelectronics
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
   HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
logo
Intersil Corporation
CD54AC257 INTERSIL-CD54AC257 Datasheet
10Kb / 1P
   Quad 2-Input Multiplexer Three-State, Non-Inverting
June 1997
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
ON Semiconductor
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com