Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4141AID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4141AID
Description  Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4141AID Datasheet(HTML) 1 Page - Texas Instruments

  OPA4141AID Datasheet HTML 1Page - Texas Instruments OPA4141AID Datasheet HTML 2Page - Texas Instruments OPA4141AID Datasheet HTML 3Page - Texas Instruments OPA4141AID Datasheet HTML 4Page - Texas Instruments OPA4141AID Datasheet HTML 5Page - Texas Instruments OPA4141AID Datasheet HTML 6Page - Texas Instruments OPA4141AID Datasheet HTML 7Page - Texas Instruments OPA4141AID Datasheet HTML 8Page - Texas Instruments OPA4141AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
OP
A2141
OP
A141
OP
A4141
Time(1s/div)
Competitor’sDevice
OPAx141
V
= 18V
SUPPLY
±
OPA141
OPA2141
OPA4141
www.ti.com
SBOS510B – MARCH 2010 – REVISED MAY 2010
Single-Supply, 10MHz, Rail-to-Rail Output,
Low-Noise, JFET Amplifier
Check for Samples: OPA141, OPA2141, OPA4141
1
FEATURES
DESCRIPTION
2
Low Supply Current: 2.3mA max
The OPA141, OPA2141, and OPA4141 amplifier
family is a series of low-power JFET input amplifiers
Low Offset Drift: 10mV/°C max
that feature good drift and low input bias current. The
Low Input Bias Current: 20pA max
rail-to-rail output swing and input range that includes
Very Low 1/f Noise: 250nVPP
V–
allow
designers
to
take
advantage
of
the
Low Noise: 6.5nV/
√Hz
low-noise characteristics of JFET amplifiers while
also interfacing to modern, single-supply, precision
Wide Bandwidth: 10MHz
analog-to-digital
converters
(ADCs)
and
Slew Rate: 20V/ms
digital-to-analog converters (DACs).
Input Voltage Range Includes V–
The OPA141 achieves 10MHz unity-gain bandwidth
Rail-to-Rail Output
and 20V/ms slew rate while consuming only 1.8mA
Single-Supply Operation: 4.5V to 36V
(typ) of quiescent current. It runs on a single 4.5 to
36V supply or dual ±2.25V to ±18V supplies.
Dual-Supply Operation: ±2.25V to ±18V
All versions are fully specified from –40°C to +125°C
No Phase Reversal
for use in the most challenging environments. The
MSOP-8, TSSOP Packages
OPA141 (single) and OPA2141 (dual) versions are
available in both MSOP-8 and SO-8 packages; the
APPLICATIONS
OPA4141 (quad) is available in the SO-14 and
Battery-Powered Instruments
TSSOP-14 packages.
Industrial Controls
RELATED PRODUCTS
Medical Instrumentation
FEATURES
PRODUCT
Photodiode Amplifiers
Precision, Low-Power, 10MHz FET
Active Filters
OPA140(1)
Input Industrial Op Amp
Data Acquisition Systems
2.2nV/
√Hz, Low-Power, 36V
Portable Audio
Operational Amplifier in SOT-23
OPA209(1)
Package
Automatic Test Systems
Low-Noise, High-Precision,
OPA827
JFET-Input Operational Amplifier
0.1Hz to 10Hz NOISE
Low-Noise, Low IQ Precision
OPA376
Operational Amplifier
High-Speed, FET-Input Operational
OPA132
Amplifier
1. Preview product; estimated availability in Q3
2010.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA4141AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4141AID TI-OPA4141AID Datasheet
915Kb / 25P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
OPA4141AIDR TI-OPA4141AIDR Datasheet
915Kb / 25P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
More results

Similar Description - OPA4141AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA141 TI-OPA141_1 Datasheet
915Kb / 25P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
OPA141 TI-OPA141_15 Datasheet
1Mb / 30P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
logo
Texas Instruments
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
logo
Analog Devices
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com