Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO3086DWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3086DWR
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO3086DWR Datasheet(HTML) 1 Page - Texas Instruments

  ISO3086DWR Datasheet HTML 1Page - Texas Instruments ISO3086DWR Datasheet HTML 2Page - Texas Instruments ISO3086DWR Datasheet HTML 3Page - Texas Instruments ISO3086DWR Datasheet HTML 4Page - Texas Instruments ISO3086DWR Datasheet HTML 5Page - Texas Instruments ISO3086DWR Datasheet HTML 6Page - Texas Instruments ISO3086DWR Datasheet HTML 7Page - Texas Instruments ISO3086DWR Datasheet HTML 8Page - Texas Instruments ISO3086DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
RE
D
GND1
nc
Vcc2
B
A
nc
GND2
DE
DWPACKAGE
Vcc1
GND1
GND2
GND2
GND1
functiondiagram
D
R
B
A
13
12
DE
6
5
3
4
RE
ISO3082,ISO3088
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
RE
D
GND1
Y
Vcc2
B
Z
A
GND2
DE
DWPACKAGE
Vcc1
GND1
GND2
GND2
GND1
DE
5
D
6
R
3
4
RE
Y
Z
B
A
14
11
12
13
functiondiagram
ISO3080,ISO3086
ISO3080, ISO3086
ISO3082, ISO3088
www.ti.com
SLOS581C – MAY 2008 – REVISED OCTOBER 2009
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
Check for Samples: ISO3080, ISO3086 ISO3082, ISO3088
1
FEATURES
APPLICATIONS
Security Systems
4000-VPEAK Isolation, 560-Vpeak VIORM
Chemical Production
UL 1577, IEC 60747-5-2 (VDE 0884, Rev. 2),
Factory Automation
IEC 61010-1, IEC 60950-1 and CSA
Motor/Motion Control
Approved
HVAC and Building Automation Networks
Bus-Pin ESD Protection
Networked Security Stations
16 kV HBM Between Bus Pins and GND2
6 kV HBM Between Bus Pins and GND1
ISO3080
Full-Duplex
200 kbps
1/8 Unit Load – Up to 256 Nodes on a Bus
ISO3086
Full-Duplex
20 Mbps
Meets or Exceeds TIA/EIA RS-485
ISO3082
Half-Duplex
200 kbps
Requirements
ISO3088
Half-Duplex
20 Mbps
Signaling Rates up to 20 Mbps
Thermal Shutdown Protection
Low Bus Capacitance – 16 pF (Typ)
50 kV/
μs Typical Transient Immunity
Fail-safe Receiver for Bus Open, Short, Idle
3.3-V Inputs are 5-V Tolerant
DESCRIPTION
The ISO3080, and ISO3086 are isolated full-duplex differential line drivers and receivers while the ISO3082, and
ISO3088 are isolated half-duplex differential line transceivers for TIA/EIA 485/422 applications.
These devices are ideal for long transmission lines since the ground loop is broken to allow for a much larger
common-mode voltage range. The symmetrical isolation barrier of the device is tested to provide 2500 Vrms of
isolation for 60s between the bus-line transceiver and the logic-level interface.
Any cabled I/O can be subjected to electrical noise transients from various sources. These noise transients can
cause damage to the transceiver and/or near-by sensitive circuitry if they are of sufficient magnitude and
duration. These isolated devices can significantly increase protection and reduce the risk of damage to
expensive control circuits.
The ISO3080, SO3082, ISO3086 and ISO3088 are qualified for use from –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO3086DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3086DWR TI-ISO3086DWR Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3086DWR TI-ISO3086DWR Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3086DWR TI1-ISO3086DWR Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3086DWR TI1-ISO3086DWR Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO3086DWRG4 TI-ISO3086DWRG4 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
More results

Similar Description - ISO3086DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com