Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1040A-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1040A-Q1
Description  EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1040A-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD1040A-Q1 Datasheet HTML 1Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 2Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 3Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 4Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 5Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 6Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 7Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 8Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SUPPLY CURRENT
DEVICE SWITCHING CHARACTERISTICS
DRIVER ELECTRICAL CHARACTERISTICS
SN65HVD1040A-Q1
SLLS889 – JUNE 2008....................................................................................................................................................................................................... www.ti.com
over recommended operating conditions including operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Standby mode
STB at VCC, VI = VCC
6
12
µA
ICC
5-V supply current
Dominant
VI = 0 V, 60-Ω load, STB at 0 V
50
70
mA
Recessive
VI = VCC, No load, STB at 0 V
6
10
(1)
All typical values are at 25°C with a 5-V supply.
over recommended operating conditions, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td(LOOP1)
Total loop delay, driver input to receiver output, recessive to dominant
90
230
ns
STB at 0 V, See
Figure 9
td(LOOP2)
Total loop delay, driver input to receiver output, dominant to recessive
90
230
ns
over recommended operating conditions, TA = –40°C to 125°C(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
CANH
2.9
3.4
4.5
VI = 0 V, STB at 0 V, RL = 60 Ω,
VO(D)
Bus output voltage (dominant)
V
See Figure 1 and Figure 2
CANL
0.8
1.75
VI = 3 V, STB at 0 V, RL = 60 Ω,
VO(R)
Bus output voltage (recessive)
2
2.5
3
V
See Figure 1 and Figure 2
STB at Vcc, RL = 60 Ω,
VO
Bus output voltage (standby mode)
–0.1
0.1
V
See Figure 1 and Figure 2
VI = 0 V, RL = 60 Ω, STB at 0 V,
1.5
3
See Figure 1, Figure 2, and Figure 3
VOD(D)
Differential output voltage (dominant)
V
VI = 0 V, RL = 45 Ω, STB at 0 V,
1.4
3
See Figure 1, Figure 2, and Figure 3
VI = 3 V, STB at 0 V, RL = 60 Ω,
–0.012
0.012
See Figure 1 and Figure 2
VOD(R)
Differential output voltage (recessive)
V
VI = 3 V, STB at 0 V, No load
–0.5
0.05
Output symmetry (dominant or recessive)
VSYM
STB at 0 V, RL = 60 Ω, See Figure 13
0.9 VCC
VCC 1.1 VCC
V
(VO(CANH) + VO(CANL))
VOC(ss)
Steady-state common-mode output voltage
STB at 0 V, RL = 60 Ω, See Figure 8
2
2.5
3
V
Change in steady-state common-mode
ΔVOC(ss)
STB at 0 V, RL = 60 Ω, See Figure 8
30
mV
output voltage
IIH
High-level input current, TXD input
VI at VCC
–2
2
µA
IIL
Low-level input current, TXD input
VI at 0 V
–50
–10
µA
IO(off)
Power-off TXD output current
VCC at 0 V, TXD at 5 V
1
µA
VCANH = –12 V, CANL open,
–120
–85
See Figure 11
VCANH = 12 V, CANL open,
0.4
1
See Figure 11
IOS(ss)
Short-circuit steady-state output current
mA
VCANL = –12 V, CANH open,
–1
–0.6
See Figure 11
VCANL = 12 V, CANH open,
75
120
See Figure 11
CO
Output capacitance
See receiver input capacitance
(1)
All typical values are at 25°C with a 5-V supply.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated


Similar Part No. - SN65HVD1040A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1_101 TI-SN65HVD1040A-Q1_101 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results

Similar Description - SN65HVD1040A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1_101 TI-SN65HVD1040A-Q1_101 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050 Datasheet
871Kb / 19P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050_08 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com