Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA141AID Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA141AID
Description  Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA141AID Datasheet(HTML) 5 Page - Texas Instruments

  OPA141AID Datasheet HTML 1Page - Texas Instruments OPA141AID Datasheet HTML 2Page - Texas Instruments OPA141AID Datasheet HTML 3Page - Texas Instruments OPA141AID Datasheet HTML 4Page - Texas Instruments OPA141AID Datasheet HTML 5Page - Texas Instruments OPA141AID Datasheet HTML 6Page - Texas Instruments OPA141AID Datasheet HTML 7Page - Texas Instruments OPA141AID Datasheet HTML 8Page - Texas Instruments OPA141AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OPA141
OPA2141
OPA4141
www.ti.com
SBOS510B – MARCH 2010 – REVISED MAY 2010
ELECTRICAL CHARACTERISTICS: VS = +4.5V to +36V; ±2.25V to ±18V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
OPA141, OPA2141, OPA4141
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage Output
VO
RL = 10kΩ
(V–)+0.2
(V+)–0.2
V
RL = 2kΩ
(V–)+0.35
(V+)–0.35
V
Short-Circuit Current
ISC
Source
+36
mA
Sink
–30
mA
Capacitive Load Drive
CLOAD
See Figure 19 and Figure 20
Open-Loop Output Impedance
RO
f = 1MHz, IO = 0 (See Figure 18)
10
Ω
POWER SUPPLY
Specified Voltage Range
VS
±2.25
±18
V
Quiescent Current
IQ
IO = 0mA
1.8
2.3
mA
(per amplifier)
Over Temperature
3.1
mA
CHANNEL SEPARATION
Channel Separation
At dc
0.02
mV/V
At 100kHz
10
mV/V
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+150
°C
Copyright © 2010, Texas Instruments Incorporated
5
Product Folder Link(s): OPA141 OPA2141 OPA4141


Similar Part No. - OPA141AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA141AID TI-OPA141AID Datasheet
915Kb / 25P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
OPA141AIDGKR TI-OPA141AIDGKR Datasheet
915Kb / 25P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
OPA141AIDGKT TI-OPA141AIDGKT Datasheet
915Kb / 25P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
OPA141AIDR TI-OPA141AIDR Datasheet
915Kb / 25P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
More results

Similar Description - OPA141AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA141 TI-OPA141_1 Datasheet
915Kb / 25P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
OPA141 TI-OPA141_15 Datasheet
1Mb / 30P
[Old version datasheet]   Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
New Japan Radio
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
logo
Texas Instruments
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
logo
Analog Devices
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com