Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO3082DWG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3082DWG4
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO3082DWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO3082DWG4 Datasheet HTML 4Page - Texas Instruments ISO3082DWG4 Datasheet HTML 5Page - Texas Instruments ISO3082DWG4 Datasheet HTML 6Page - Texas Instruments ISO3082DWG4 Datasheet HTML 7Page - Texas Instruments ISO3082DWG4 Datasheet HTML 8Page - Texas Instruments ISO3082DWG4 Datasheet HTML 9Page - Texas Instruments ISO3082DWG4 Datasheet HTML 10Page - Texas Instruments ISO3082DWG4 Datasheet HTML 11Page - Texas Instruments ISO3082DWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
D
DE
RE
54 W
GND 1
VTEST
GND 2
A
B
GND1
S 1
1.5 Vor 0 V
0 Vor 1.5 V
Z
Y
2V
0.8V
C=0.1 F
1%
m
±
C=0.1 F 1%
m ±
VCC1
VCC2
1kW
54 W
CL =15pF
(includesprobeand
jigcapacitance)
V
orV
OH
OL
V
orV
OH
OL
ISO3080, ISO3086
ISO3082, ISO3088
SLOS581C – MAY 2008 – REVISED OCTOBER 2009
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 13. Full-Duplex Common-Mode Transient Immunity Test Circuit
DEVICE INFORMATION
Table 1. Driver Function Table
ENABLE
INPUT
INPUT
OUTPUTS
(D)
VCC1
VCC2
(DE)
Y
Z
PU
PU
H
H
H
L
PU
PU
L
H
L
H
PU
PU
X
L
Z
Z
PU
PU
X
OPEN
Z
Z
PU
PU
OPEN
H
H
L
PD
PU
X
X
Z
Z
PU
PD
X
X
Z
Z
PD
PD
X
X
Z
Z
Table 2. Receiver Function Table
DIFFERENTIAL INPUT
ENABLE
OUTPUT
VCC1
VCC2
VID = (VA – VB)
(RE)
(R)
PU
PU
–0.01 V
≤ VID
L
H
PU
PU
–0.2 V < VID < –0.01 V
L
?
PU
PU
VID ≤ –0.2 V
L
L
PU
PU
X
H
Z
PU
PU
X
OPEN
Z
PU
PU
Open circuit
L
H
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088


Similar Part No. - ISO3082DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3082DWG4 TI-ISO3082DWG4 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3082DWG4 TI-ISO3082DWG4 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3082DWG4 TI1-ISO3082DWG4 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3082DWG4 TI1-ISO3082DWG4 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
More results

Similar Description - ISO3082DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com