Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAM1808BZWT3 Datasheet(PDF) 1 Page - Texas Instruments

Part # XAM1808BZWT3
Description  AM1808 ARM Microprocessor
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM1808BZWT3 Datasheet(HTML) 1 Page - Texas Instruments

  XAM1808BZWT3 Datasheet HTML 1Page - Texas Instruments XAM1808BZWT3 Datasheet HTML 2Page - Texas Instruments XAM1808BZWT3 Datasheet HTML 3Page - Texas Instruments XAM1808BZWT3 Datasheet HTML 4Page - Texas Instruments XAM1808BZWT3 Datasheet HTML 5Page - Texas Instruments XAM1808BZWT3 Datasheet HTML 6Page - Texas Instruments XAM1808BZWT3 Datasheet HTML 7Page - Texas Instruments XAM1808BZWT3 Datasheet HTML 8Page - Texas Instruments XAM1808BZWT3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
AM1808 ARM Microprocessor
Check for Samples: AM1808
1
AM1808 ARM Microprocessor
1.1
Features
12
• Highlights
• Two External Memory Interfaces:
– 375/456-MHz ARM926EJ-S™ RISC Core
– EMIFA
– ARM9 Memory Architecture
NOR (8-/16-Bit-Wide Data)
– Programmable Real-Time Unit Subsystem
NAND (8-/16-Bit-Wide Data)
– Enhanced Direct-Memory-Access Controller
16-Bit SDRAM With 128 MB Address
3 (EDMA3)
Space
– Two External Memory Interfaces
– DDR2/Mobile DDR Memory Controller
– Three Configurable 16550 type UART
16-Bit DDR2 SDRAM With 512 MB
Modules
Address Space or
– Two Serial Peripheral Interfaces (SPI)
16-Bit mDDR SDRAM With 256 MB
Address Space
– Multimedia Card (MMC)/Secure Digital (SD)
Card Interface with Secure Data I/O (SDIO)
• Three Configurable 16550 type UART Modules:
– Two Master/Slave Inter-Integrated Circuit
– With Modem Control Signals
– USB 2.0 OTG Port With Integrated PHY
– 16-byte FIFO
– One Multichannel Audio Serial Port
– 16x or 13x Oversampling Option
– 10/100 Mb/s Ethernet MAC (EMAC)
• LCD Controller
– Three 64-Bit General-Purpose Timers
• Two Serial Peripheral Interfaces (SPI) Each
With Multiple Chip-Selects
– One 64-bit General-Purpose/Watchdog Timer
• Two Multimedia Card (MMC)/Secure Digital (SD)
– TwoEnhanced Pulse Width Modulators
Card Interface with Secure Data I/O (SDIO)
– Three 32-Bit Enhanced Capture Modules
Interfaces
• 375/456-MHz ARM926EJ-S™ RISC MPU
• Two Master/Slave Inter-Integrated Circuit (I2C
• ARM926EJ-S Core
Bus™)
– 32-Bit and 16-Bit (Thumb®) Instructions
• One Host-Port Interface (HPI) With 16-Bit-Wide
– Single Cycle MAC
Muxed Address/Data Bus For High Bandwidth
– ARM® Jazelle® Technology
• Programmable Real-Time Unit Subsystem
– EmbeddedICE-RT™ for Real-Time Debug
(PRUSS)
• ARM9 Memory Architecture
– Two Independent Programmable Realtime
– 16K-Byte Instruction Cache
Unit (PRU) Cores
– 16K-Byte Data Cache
32-Bit Load/Store RISC architecture
– 8K-Byte RAM (Vector Table)
4K Byte instruction RAM per core
– 64K-Byte ROM
512 Bytes data RAM per core
• Enhanced Direct-Memory-Access Controller 3
PRU Subsystem (PRUSS) can be disabled
(EDMA3):
via software to save power
– 2 Channel Controllers
Register 30 of each PRU is exported from
the subsystem in addition to the normal
– 3 Transfer Controllers
R31 output of the PRU cores.
– 64 Independent DMA Channels
– Standard power management mechanism
– 16 Quick DMA Channels
Clock gating
– Programmable Transfer Burst Size
Entire subsystem under a single PSC
• 128K-Byte On-chip Memory
clock gating domain
• 1.8V or 3.3V LVCMOS IOs (except for USB and
– Dedicated interrupt controller
DDR2 interfaces)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
ARM926EJ-S is a trademark of ARM Limited.
ADVANCE INFORMATION concerns new products in the sampling
Copyright © 2010, Texas Instruments Incorporated
or preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.


Similar Part No. - XAM1808BZWT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XAM1808BZWT3 TI-XAM1808BZWT3 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
More results

Similar Description - XAM1808BZWT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1808_1112 TI-AM1808_1112 Datasheet
1Mb / 262P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808 TI1-AM1808_11 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM Microprocessor
APRIL2011
AM1808 TI-AM1808 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808_1008 TI-AM1808_1008 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com