Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO3082DW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3082DW
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO3082DW Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO3082DW Datasheet HTML 5Page - Texas Instruments ISO3082DW Datasheet HTML 6Page - Texas Instruments ISO3082DW Datasheet HTML 7Page - Texas Instruments ISO3082DW Datasheet HTML 8Page - Texas Instruments ISO3082DW Datasheet HTML 9Page - Texas Instruments ISO3082DW Datasheet HTML 10Page - Texas Instruments ISO3082DW Datasheet HTML 11Page - Texas Instruments ISO3082DW Datasheet HTML 12Page - Texas Instruments ISO3082DW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISO3080, ISO3086
ISO3082, ISO3088
www.ti.com
SLOS581C – MAY 2008 – REVISED OCTOBER 2009
Table 2. Receiver Function Table (continued)
DIFFERENTIAL INPUT
ENABLE
OUTPUT
VCC1
VCC2
VID = (VA – VB)
(RE)
(R)
PU
PU
Short Circuit
L
H
PU
PU
Idle (terminated) bus
L
H
PD
PU
X
X
Z
PU
PD
X
L
H
PACKAGE CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER (1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Shortest terminal to terminal distance through
L(I01)
Minimum air gap (Clearance)
8.34
mm
air
Shortest terminal to terminal distance across
L(I02)
Minimum external tracking (Creepage)
8.1
mm
the package surface
Tracking resistance (Comparative Tracking
CTI
DIN IEC 60112 / VDE 0303 Part 1
≥175
V
Index)
Minimum Internal Gap (Internal Clearance)
Distance through the insulation
0.008
mm
Input to output, VIO = 500 V, all pins on each
RIO
Isolation resistance
side of the barrier tied together creating a
>1012
two-terminal device
CIO
Barrier capacitance Input to output
VI = 0.4 sin (4E6
πt)
2
pF
CI
Input capacitance to ground
VI = 0.4 sin (4E6
πt)
2
pF
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed circuit board do not reduce this distance.
Creepage and clearance on a printed circuit board become equal according to the measurement techniques shown in the Isolation
Glossary. Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
IEC 60664-1 RATINGS TABLE
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
IIIa
Rated mains voltage
≤ 150 VRMS
I-IV
Installation classification
Rated mains voltage
≤ 300 VRMS
I-III
Rated mains voltage
≤ 400 VRMS
I-II
IEC 60747-5-2 INSULATION CHARACTERISTICS
(1)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
Maximum working insulation
VIORM
560
V
voltage
Method b1, VPR = VIORM × 1.875,
VPR
Input to output test voltage
1050
V
100% Production test with t = 1 s, Partial discharge < 5 pC
VIOTM
Transient overvoltage
t = 60 s
4000
V
RS
Insulation resistance
VIO = 500 V at TS
>109
Pollution degree
2
(1)
Climatic Clasification 40/125/21
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088


Similar Part No. - ISO3082DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3082DW TI-ISO3082DW Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3082DW TI-ISO3082DW Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3082DW TI1-ISO3082DW Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3082DW TI1-ISO3082DW Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO3082DWG4 TI-ISO3082DWG4 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
More results

Similar Description - ISO3082DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com