Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1111FHN33/101 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC1111FHN33/101
Description  Cortex-M0 based microcontrollers with industry-leading power and efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FHN33/101 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC1111FHN33/101 Datasheet HTML 1Page - NXP Semiconductors LPC1111FHN33/101 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.nxp.com
Date of release: January 2010
Document order number : 9397 750 16865
Printed in the Netherlands
© 2010 NXP B.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and
reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use.
Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Power Management Unit
Power modes, BOD, Single power supply, POR
Clock Generation Unit
12 MHz 1% IRC OSC, Watchdog OSC, 1-25 MHz System OSC, System PLL
I2C
1 Interface
SPI
1-2 Interfaces
UART
1 Interface
Timers
2 x16-bit & 2x32-bit
System tick timer,
WDT
GPIO
Up to 42 GPIOs
ADC
8 Channel, 10 bit
RAM
2KB – 8KB
Flash
8KB – 32KB
CortexTM -M0
50 MHz
LPC1100 block diagram
NXP’s LPC1100 is the lowest-priced 32-bit MCU solution
in the market. It offers greater value than existing 8/16-bit
microcontroller by delivering unprecedented performance,
simplicity, low power, and dramatic reductions in code size for
every application.
With over 45 DMIPS of performance compared to the
sub-DMIP performance typical of 8-bit MCUs and 3 to 5 DMIPS
for 16-bit MCUs, the LPC1100 not only execute basic control
tasks but sophisticated algorithms as well, making even the
most complex tasks within reach. Using less time to do more
tasks translates directly into lower energy consumption.
This level of performance is delivered at 50 MHz, with extensive
power optimization, at less than 10 mA.
Challenging the belief that 8/16-bit microcontrollers use less
code, industry-standard Coremark benchmarks show that
the LPC1100 requires 40-50% less code for most common
microcontroller tasks.
Development tools
The LPC1100 family is supported by the LPCXpresso , an easy
to use, comprehensive development tool platform for under
US$30, as well as development tools from IAR, Keil, Hitex,
Code Red, and many others. For the most current listing,
please visit www.nxp.com/microcontrollers.
Additional features
} Serial Wire Debug (4 breakpoints)
} High-current output driver (20 mA) on one pin
} High-current sink drivers (20 mA) on two pins
} Integrated PMU (Power Management Unit) to minimize
power consumption during Sleep, Deep-sleep, and Deep
power-down modes
} Single 3.3 V power supply (1.8 to 3.6 V)
} Over 5 kV ESD for rugged applications
} 13 GPIO pins can be used as edge and level sensitive
interrupt sources
} Clock generation unit with divider that can reflect the main
oscillator clock, IRC clock, CPU clock, and Watchdog clock.
} Processor wake-up from Deep-sleep mode via interrupts
from various peripherals
} Brownout detect with four separate thresholds for interrupt
and forced reset
} Power-On Reset (POR)
} Crystal oscillator with an operating range of 1 MHz to 25 MHz
} 12 MHz internal RC oscillator trimmed to 1% accuracy that
can also be used as a system clock
} PLL allows CPU operation up to the maximum CPU rate
without the need for a high-frequency crystal. Can be run
run from the main oscillator, the internal RC oscillator, or
the Watchdog oscillator.
} Available in 48-pin LQFP, 33-pin HVQFN, or 44-pin PLCC
package
LPC111x ordering options
Type number
Flash
Total SRAM
UART RS-485
I2C / Fast+
SPI
ADC Channels
Package
LPC1111
LPC1111FHN33/101
8 KB
2 KB
1
1
1
8
HVQFN33
LPC1111FHN33/201
8 KB
4 KB
1
1
1
8
HVQFN33
LPC1112
LPC1112FHN33/101
16 KB
2 KB
1
1
1
8
HVQFN33
LPC1112FHN33/201
16 KB
4 KB
1
1
1
8
HVQFN33
LPC1113
LPC1113FHN33/201
24 KB
4 KB
1
1
1
8
HVQFN33
LPC1113FHN33/301
24 KB
8 KB
1
1
1
8
HVQFN33
LPC1113FBD48/301
24 KB
8 KB
1
1
2
8
LQFP48
LPC1114
LPC1114FHN33/201
32 KB
4 KB
1
1
1
8
HVQFN33
LPC1114FHN33/301
32 KB
8 KB
1
1
1
8
HVQFN33
LPC1114FBD48/301
32 KB
8 KB
1
1
2
8
LQFP48
LPC1114FA44/301
32 KB
8 KB
1
1
2
8
PLCC44


Similar Part No. - LPC1111FHN33/101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111FHN33/101 NXP-LPC1111FHN33/101 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
More results

Similar Description - LPC1111FHN33/101

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3U ATMEL-ATSAM3U_10 Datasheet
1Mb / 62P
   AT91ARM Cortex M3-based Microcontrollers
logo
NXP Semiconductors
S32K1XX NXP-S32K1XX_V01 Datasheet
1Mb / 101P
   Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 14, 08/2021
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
   Industry-leading accuracy and repeatability
logo
NXP Semiconductors
S32K1XX NXP-S32K1XX Datasheet
1Mb / 100P
   Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 12, 02/2020
LPC1700 NXP-LPC1700 Datasheet
1Mb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
LPC176X NXP-LPC176X Datasheet
144Kb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
LPC1100L NXP-LPC1100L Datasheet
851Kb / 2P
   Cortex-M0 MCUs with lowest active power and superior code density
April 2011
logo
Nuvoton Technology Corp...
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com