Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3517BZCN Datasheet(PDF) 2 Page - Texas Instruments

Part # AM3517BZCN
Description  AM3517/05 ARM Microprocessor
Download  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517BZCN Datasheet(HTML) 2 Page - Texas Instruments

  AM3517BZCN Datasheet HTML 1Page - Texas Instruments AM3517BZCN Datasheet HTML 2Page - Texas Instruments AM3517BZCN Datasheet HTML 3Page - Texas Instruments AM3517BZCN Datasheet HTML 4Page - Texas Instruments AM3517BZCN Datasheet HTML 5Page - Texas Instruments AM3517BZCN Datasheet HTML 6Page - Texas Instruments AM3517BZCN Datasheet HTML 7Page - Texas Instruments AM3517BZCN Datasheet HTML 8Page - Texas Instruments AM3517BZCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 218 page
background image
AM3517, AM3505
SPRS550A – OCTOBER 2009 – REVISED MAY 2010
www.ti.com
Compensation
– ARM Instructions - Little Endian
– 10-bit to 8-bit A-law Compression Hardware
– ARM Data – Configurable
– Supports up to 16K Pixels (Image Size) in
• SDRC Memory Controller
Horizontal and Vertical Directions
– 16/32-bit Memory Controller With 1G-Byte
• System Direct Memory Access (sDMA)
Total Address Space
Controller (32 Logical Channels With
– Double Data Rate (DDR2) SDRAM, mobile
Configurable Priority)
Double Data Rate (mDDR)SDRAM
• Comprehensive Power, Reset and Clock
– SDRAM Memory Scheduler (SMS) and
Management
Rotation Engine
• ARM CortexTM-A8 Memory Architecture
• General Purpose Memory Controller (GPMC)
– ARMv7 Architecture
– 16-bit Wide Multiplexed Address/Data Bus
Trust Zone
– Up to 8 Chip Select Pins With 128M-Byte
Thumb-2
Address Space per Chip Select Pin
MMU Enhancements
– Glueless Interface to NOR Flash, NAND
Flash (With ECC Hamming Code
– In-Order, Dual-Issue, Superscalar
Calculation), SRAM and Pseudo-SRAM
Microprocessor Core
– Flexible Asynchronous Protocol Control for
– NEON Multimedia Architecture
Interface to Custom Logic (FPGA, CPLD,
– Over 2x Performance of ARMv6 SIMD
ASICs, etc.)
– Supports Both Integer and Floating Point
– Nonmultiplexed Address/Data Mode (Limited
SIMD
2K-Byte Address Space)
– JAZELLE RCT Execution Environment
• Test Interfaces
Architecture
– IEEE-1149.1 (JTAG) Boundary-Scan
– Dynamic Branch Prediction with Branch
Compatible
Target Address Cache, Global history buffer
– Embedded Trace Macro Interface (ETM)
and 8 entry return stack
• 65-nm CMOS technology
– Embedded Trace Macrocell [ETM] support
for Non_invasive Debug
• Packages:
– 16K-Byte instruction Cache (4-Way set-
– 491-pin BGA (17x17, 0.65mm pitch)
associative)
[ZCN suffix]
with via channel array technology
– 16K-Byte Data Cache (4-Way
Set-Associative)
– 484-pin PBGA (23x23, 1mm pitch)
[ZER suffix]
– 256K-Byte L2 Cache
• Applications:
• POWERVR SGX™ Graphics Accelerator
– Single Board Computers
– Tile Based Architecture Delivering up to 10
MPoly/sec
– Industrial and Home Automation
– Universal Scalable Shader Engine:
– Digital Signage
Multi-threaded Engine Incorporating Pixel
– Point of Service
and Vertex Shader Functionality
– Portable Media Player
– Industry Standard API Support: OpenGLES
– Portable Industrial
1.1 and 2.0, OpenVG1.0
– Transportation
– Fine Grained Task Switching, Load
– Navigation
Balancing, and Power Management
– Smart White Goods
– Programmable, High-Quality Image
– Digital TV
Anti-Aliasing
– Digital Video Camera
• Endianess
– Gaming
2
AM3517/05 ARM Microprocessor
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3517 AM3505


Similar Part No. - AM3517BZCN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM3517 TI1-AM3517 Datasheet
1Mb / 223P
[Old version datasheet]   ARM Microprocessors
AM3517 TI1-AM3517 Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
AM3517AZCN TI1-AM3517AZCN Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
AM3517AZCNA TI1-AM3517AZCNA Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
More results

Similar Description - AM3517BZCN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1806_1005 TI-AM1806_1005 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1802 TI1-AM1802 Datasheet
1Mb / 180P
[Old version datasheet]   AM1802 ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com