Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8312DDWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8312DDWR
Description  Three Phase PWM Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8312DDWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8312DDWR Datasheet HTML 6Page - Texas Instruments DRV8312DDWR Datasheet HTML 7Page - Texas Instruments DRV8312DDWR Datasheet HTML 8Page - Texas Instruments DRV8312DDWR Datasheet HTML 9Page - Texas Instruments DRV8312DDWR Datasheet HTML 10Page - Texas Instruments DRV8312DDWR Datasheet HTML 11Page - Texas Instruments DRV8312DDWR Datasheet HTML 12Page - Texas Instruments DRV8312DDWR Datasheet HTML 13Page - Texas Instruments DRV8312DDWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
DRV8312
DRV8332
SLES256 – MAY 2010
www.ti.com
THEORY OF OPERATION
Special attention should be paid to the power-stage
POWER SUPPLIES
power supply; this includes component selection,
PCB placement, and routing. As indicated, each
To facilitate system design, the DRV8312/32 need
half-bridge has independent power-stage supply pin
only a 12-V supply in addition to H-Bridge power
(PVDD_X). For optimal electrical performance, EMI
supply (PVDD). An internal voltage regulator provides
compliance, and system reliability, it is important that
suitable voltage levels for the digital and low-voltage
each PVDD_X pin is decoupled with a ceramic
analog circuitry. Additionally, the high-side gate drive
capacitor (X5R or better) placed as close as possible
requiring
a
floating
voltage
supply,
which
is
to each supply pin. It is recommended to follow the
accommodated by built-in bootstrap circuitry requiring
PCB layout of the DRV8312/32 EVM board.
external bootstrap capacitor.
The 12-V supply should be from a low-noise,
To provide symmetrical electrical characteristics, the
low-output-impedance voltage regulator. Likewise, the
PWM signal path, including gate drive and output
50-V power-stage supply is assumed to have low
stage,
is
designed
as
identical,
independent
output impedance and low noise. The power-supply
half-bridges. For this reason, each half-bridge has a
sequence is not critical as facilitated by the internal
separate gate drive supply (GVDD_X), a bootstrap
power-on-reset circuit. Moreover, the DRV8312/32
pin
(BST_X),
and
a
power-stage
supply
pin
are fully protected against erroneous power-stage
(PVDD_X). Furthermore, an additional pin (VDD) is
turn-on
due
to
parasitic
gate
charging.
Thus,
provided as supply for all common circuits. Special
voltage-supply ramp rates (dv/dt) are non-critical
attention should be paid to place all decoupling
within
the
specified
voltage
range
(see
the
capacitors as close to their associated pins as
Recommended Operating Conditions section of this
possible. In general, inductance between the power
data sheet).
supply pins and decoupling capacitors must be
avoided. Furthermore, decoupling capacitors need a
short ground path back to the device.
SYSTEM POWER-UP/POWER-DOWN
SEQUENCE
For a properly functioning bootstrap circuit, a small
ceramic capacitor (an X5R or better) must be
Powering Up
connected from each bootstrap pin (BST_X) to the
power-stage
output
pin
(OUT_X).
When
the
The
DRV8312/32
do
not
require
a
power-up
power-stage output is low, the bootstrap capacitor is
sequence. The outputs of the H-bridges remain in a
charged
through
an
internal
diode
connected
high impedance state until the gate-drive supply
between the gate-drive power-supply pin (GVDD_X)
voltage GVDD_X and VDD voltage are above the
and the bootstrap pin. When the power-stage output
undervoltage protection (UVP) voltage threshold (see
is high, the bootstrap capacitor potential is shifted
the Electrical Characteristics section of this data
above the output potential and thus provides a
sheet). Although not specifically required, holding
suitable voltage supply for the high-side gate driver.
RESET_A, RESET_B, and RESET_C in a low state
In an application with PWM switching frequencies in
while powering up the device is recommended. This
the range from 10 kHz to 500 kHz, the use of 100-nF
allows an internal circuit to charge the external
ceramic capacitors (X5R or better), size 0603 or
bootstrap capacitors by enabling a weak pulldown of
0805, is recommended for the bootstrap supply.
the half-bridge output.
These 100-nF capacitors ensure sufficient energy
storage, even during minimal PWM duty cycles, to
Powering Down
keep the high-side power stage FET fully turned on
The DRV8312/32 do not require a power-down
during the remaining part of the PWM cycle. In an
sequence. The device remains fully operational as
application running at a switching frequency lower
long as the gate-drive supply (GVDD_X) voltage and
than 10 kHz, the bootstrap capacitor might need to be
VDD voltage are above the UVP voltage threshold
increased in value.
(see the Electrical Characteristics section of this data
sheet). Although not specifically required, it is a good
practice to hold RESET_A, RESET_B and RESET_C
low during power down to prevent any unknown state
during this transition.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DRV8312 DRV8332


Similar Part No. - DRV8312DDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8312DDWR TI-DRV8312DDWR Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312DDWR TI-DRV8312DDWR Datasheet
1Mb / 32P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312DDWR TI1-DRV8312DDWR Datasheet
1Mb / 39P
[Old version datasheet]   Three-Phase PWM Motor Driver
More results

Similar Description - DRV8312DDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312_11 Datasheet
1Mb / 32P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Phase PWM Motor Driver
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
   DMOS THREE-PHASE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
[Old version datasheet]   DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
   DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8317 TI-DRV8317 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8317 Three-Phase PWM Motor Driver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com