Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8332 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8332
Description  Three Phase PWM Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8332 Datasheet(HTML) 5 Page - Texas Instruments

  DRV8332 Datasheet HTML 1Page - Texas Instruments DRV8332 Datasheet HTML 2Page - Texas Instruments DRV8332 Datasheet HTML 3Page - Texas Instruments DRV8332 Datasheet HTML 4Page - Texas Instruments DRV8332 Datasheet HTML 5Page - Texas Instruments DRV8332 Datasheet HTML 6Page - Texas Instruments DRV8332 Datasheet HTML 7Page - Texas Instruments DRV8332 Datasheet HTML 8Page - Texas Instruments DRV8332 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DRV8312
DRV8332
www.ti.com
SLES256 – MAY 2010
PIN
FUNCTION (1)
DESCRIPTION
NAME
DRV8312
DRV8332
OTW
21
2
O
Overtemperature warning signal, open-drain, active-low. An internal pull-up resistor
to VREG (3.3 V) is provided on output. Level compliance for 5-V logic can be
obtained by adding external pull-up resistor to 5 V
OUT_A
28
33
O
Output, half-bridge A
OUT_B
31
30
O
Output, half-bridge B
OUT_C
39
22
O
Output, half-bridge C
PVDD_A
26,27
34
P
Power supply input for half-bridge A requires close decoupling capacitor to ground.
PVDD_B
32
29
P
Power supply input for half-bridge B requires close decoupling capacitor to gound.
PVDD_C
40,41
21
P
Power supply input for half-bridge C requires close decoupling capacitor to ground.
PWM_A
17
4
I
Input signal for half-bridge A
PWM_B
15
6
I
Input signal for half-bridge B
PWM_C
5
16
I
Input signal for half-bridge C
RESET_A
16
5
I
Reset signal for half-bridge A, active-low
RESET_B
7
15
I
Reset signal for half-bridge B, active-low
RESET_C
6
15
I
Reset signal for half-bridge C, active-low
FAULT
18
3
O
Fault signal, open-drain, active-low. An internal pull-up resistor to VREG (3.3 V) is
provided on output. Level compliance for 5-V logic can be obtained by adding
external pull-up resistor to 5 V
VDD
2
17
P
Power supply for digital voltage regulator requires capacitor to ground for
decoupling.
VREG
11
10
P
Digital regulator supply filter pin requires 0.1-mF capacitor to AGND.
THERMAL PAD
--
N/A
T
Solder the exposed thermal pad at the bottom of the DRV8312DDW package to the
landing pad on the PCB. Connect the landing pad through vias to large ground
plate for better thermal dissipation.
HEAT SLUG
N/A
--
T
Mount heatsink with thermal interface to the heat slug on the top of the
DRV8332DKD package to improve thermal dissipation.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DRV8312 DRV8332


Similar Part No. - DRV8332

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332 TI-DRV8332 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8332 TI-DRV8332 Datasheet
1Mb / 32P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8332 TI1-DRV8332 Datasheet
1Mb / 36P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
More results

Similar Description - DRV8332

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
[Old version datasheet]   THREE PHASE PWM MOTOR DRIVER
DRV8312 TI-DRV8312_11 Datasheet
1Mb / 32P
[Old version datasheet]   Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Phase PWM Motor Driver
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
   DMOS THREE-PHASE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
[Old version datasheet]   DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
   DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8317 TI-DRV8317 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8317 Three-Phase PWM Motor Driver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com