Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7924 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7924
Description  2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7924 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7924 Datasheet HTML 1Page - Texas Instruments ADS7924 Datasheet HTML 2Page - Texas Instruments ADS7924 Datasheet HTML 3Page - Texas Instruments ADS7924 Datasheet HTML 4Page - Texas Instruments ADS7924 Datasheet HTML 5Page - Texas Instruments ADS7924 Datasheet HTML 6Page - Texas Instruments ADS7924 Datasheet HTML 7Page - Texas Instruments ADS7924 Datasheet HTML 8Page - Texas Instruments ADS7924 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
SCL
SDA
t
R
t
HDSTA
t
HDSTA
t
HDDAT
t
BUF
t
HIGH
t
SUSTA
t
SUSTO
P
S
Sr
P
t
SP
t
VDACK
t
SUDAT
9thClock
t
VDDAT
t
F
t
LOW
ADS7924
www.ti.com
SBAS482A – JANUARY 2010 – REVISED MAY 2010
TIMING DIAGRAM
NOTE: S = Start, Sr = Repeated Start, and P = Stop.
Figure 1. I2C Timing Diagram
Table 1. I2C Timing Definitions
ADS7924
PARAMETER
MIN
MAX
UNIT
SCL operating frequency
fSCL
0
0.4
MHz
Bus free time between START and STOP condition
tBUF
1.3
ms
Hold time after repeated START condition.
tHDSTA
600
ns
After this period, the first clock is generated.
Repeated START condition setup time
tSUSTA
600
ns
Stop condition setup time
tSUSTO
600
ns
Data hold time
tHDDAT
0
ns
Data setup time
tSUDAT
100
ns
SCL clock low period
tLOW
1300
ns
SCL clock high period
tHIGH
600
ns
Clock/data fall time
tF
300
ns
Clock/data rise time
tR
300
ns
Data valid time
tVDDAT
0.9
ms
Data valid acknowledge time
tVDACK
0.9
ms
Pulse width of spike that must be suppressed by the input filter
tSP
0
50
ns
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS7924


Similar Part No. - ADS7924

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924 TI1-ADS7924 Datasheet
854Kb / 45P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS7924IRTER TI1-ADS7924IRTER Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel, MicroPOWER Analog-to-Digital Converter
ADS7924IRTET TI1-ADS7924IRTET Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel, MicroPOWER Analog-to-Digital Converter
ADS7924 TI1-ADS7924_14 Datasheet
854Kb / 45P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS7924 TI1-ADS7924_15 Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel, MicroPOWER Analog-to-Digital Converter
More results

Similar Description - ADS7924

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924 TI1-ADS7924_14 Datasheet
854Kb / 45P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
[Old version datasheet]   12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
[Old version datasheet]   LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com