Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1294_1005 Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS1294_1005
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294_1005 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS1294_1005 Datasheet HTML 16Page - Texas Instruments ADS1294_1005 Datasheet HTML 17Page - Texas Instruments ADS1294_1005 Datasheet HTML 18Page - Texas Instruments ADS1294_1005 Datasheet HTML 19Page - Texas Instruments ADS1294_1005 Datasheet HTML 20Page - Texas Instruments ADS1294_1005 Datasheet HTML 21Page - Texas Instruments ADS1294_1005 Datasheet HTML 22Page - Texas Instruments ADS1294_1005 Datasheet HTML 23Page - Texas Instruments ADS1294_1005 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
Temperature( C)=
°
TemperatureReading( V)
145,300 V
m
-
m
490 V/ C
m
°
+25 C
°
2x
1x
1x
8x
AVDD
AVSS
TemperatureSensorMonitor
ToMUXTempP
ToMUXTempN
ADS1294
ADS1296
ADS1298
SBAS459D – JANUARY 2010 – REVISED MAY 2010
www.ti.com
Device Noise Measurements
Setting CHnSET[2:0] = 001 sets the common-mode voltage of (AVDD + AVSS)/2 to both inputs of the channel.
This setting can be used to test the inherent noise of the device in the user system.
Test Signals (TestP and TestN)
Setting CHnSET[2:0] = 101 provides internally-generated test signals for use in sub-system verification at
power-up. This functionality allows the entire signal chain to be tested out. Although the test signals are similar to
the CAL signals described in the IEC60601-2-51 specification, this feature is not intended for use in compliance
testing.
Control of the test signals is accomplished through register settings (see the CONFIG2: Configuration Register 2
subsection in the Register Map section for details). TEST_AMP controls the signal amplitude and TEST_FREQ
controls switching at the required frequency.
The test signals are multiplexed and transmitted out of the device at the TESTP_PACE_OUT1 and
TESTN_PACE_OUT2 pins. A bit register (CONFIG2.INT_TEST = 0) deactivates the internal test signals so that
the test signal can be driven externally. This feature allows the calibration of multiple devices with the same
signal. The test signal feature cannot be used in conjunction with the external hardware pace feature (see the
External Hardware Approach subsection of the ECG-Specific Functions section for details).
Auxiliary Differential Input (TESTP_PACE_OUT1, TESTN_PACE_OUT2)
When hardware pace detect is not used, the TESTP_PACE_OUT1 and TESPN_PACE_OUT2 signals can be
used as a multiplexed differential input channel. These inputs can be multiplexed to any of the eight channels.
The performance of the differential input signal fed through these pins is identical to the normal channel
performance.
Temperature Sensor (TempP, TempN)
The ADS1294/6/8 contain an on-chip temperature sensor. This sensor uses two internal diodes with one diode
having a current density 16x that of the other, as shown in Figure 20. The difference in current densities of the
diodes yields a difference in voltage that is proportional to absolute temperature.
As a result of the low thermal resistance of the package to the printed circuit board (PCB), the internal device
temperature tracks the PCB temperature closely. Note that self-heating of the ADS1294/6/8 causes a higher
reading than the temperature of the surrounding PCB.
The scale factor of Equation 1 converts the temperature reading to °C. Before using this equation, the
temperature reading code must first be scaled to mV.
(1)
Figure 20. Measurement of the Temperature Sensor in the Input
20
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1296 ADS1298


Similar Part No. - ADS1294_1005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1294_1005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com