Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC3GU04DP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC3GU04DP
Description  Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3GU04DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC3GU04DP Datasheet HTML 4Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 5Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 6Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 7Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 8Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 9Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 10Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 11Page - NXP Semiconductors 74HC3GU04DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74HC3GU04_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 11 January 2010
8 of 16
NXP Semiconductors
74HC3GU04
Inverter
13. Typical transfer characteristics
14. Application information
Some applications for the 74HC3GU04 are:
Linear amplifier (see Figure 12)
Crystal oscillator (see Figure 14).
VCC = 2.0 V; IO = 0 A.
VCC = 4.5 V; IO = 0 A.
Fig 9.
Typical transfer characteristics VCC = 2.0 V
Fig 10. Typical transfer characteristics VCC = 4.5 V
ICC
(
μA)
0
1.2
0.4
1.6
2
VI (V)
0.8
0
150
90
120
30
60
VO
(V)
0
2
1.2
1.6
0.4
0.8
mnb121
ICC
(mA)
03
14
5
VI (V)
2
0
10
6
8
2
4
VO
(V)
0
5
3
4
1
2
mnb122
VCC = 6.0 V; IO = 0 A.
Fig 11. Typical transfer characteristics VCC = 6.0 V
VI (V)
ICC
(mA)
VO
(V)
0246
20
12
16
4
0
6
3
0
8
mnb123


Similar Part No. - 74HC3GU04DP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC3GU04DP NEXPERIA-74HC3GU04DP Datasheet
238Kb / 14P
   Triple unbuffered inverter
Rev. 6 - 29 January 2019
74HC3GU04DP-Q100 NEXPERIA-74HC3GU04DP-Q100 Datasheet
239Kb / 14P
   Triple unbuffered inverter
More results

Similar Description - 74HC3GU04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com