Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC2GU04GW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC2GU04GW
Description  Dual unbuffered inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2GU04GW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC2GU04GW Datasheet HTML 4Page - NXP Semiconductors 74HC2GU04GW Datasheet HTML 5Page - NXP Semiconductors 74HC2GU04GW Datasheet HTML 6Page - NXP Semiconductors 74HC2GU04GW Datasheet HTML 7Page - NXP Semiconductors 74HC2GU04GW Datasheet HTML 8Page - NXP Semiconductors 74HC2GU04GW Datasheet HTML 9Page - NXP Semiconductors 74HC2GU04GW Datasheet HTML 10Page - NXP Semiconductors 74HC2GU04GW Datasheet HTML 11Page - NXP Semiconductors 74HC2GU04GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74HC2GU04_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
8 of 15
NXP Semiconductors
74HC2GU04
Dual unbuffered inverter
14. Typical transfer characteristics
Tamb =25 °C.
Fig 8.
Typical forward transconductance as a function of supply voltage
04
26
8
VCC (V)
gfs
(mA/V)
30
10
0
20
mnb124
VCC = 2.0 V; IO = 0 A.
VCC = 4.5 V; IO = 0 A.
Fig 9.
Typical transfer characteristics VCC = 2.0 V
Fig 10. Typical transfer characteristics VCC = 4.5 V
ICC
(
µA)
0
1.2
0.4
1.6
2
VI (V)
0.8
0
150
90
120
30
60
VO
(V)
0
2
1.2
1.6
0.4
0.8
mnb121
ICC
(mA)
03
14
5
VI (V)
2
0
10
6
8
2
4
VO
(V)
0
5
3
4
1
2
mnb122


Similar Part No. - 74HC2GU04GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC2GU04GW NEXPERIA-74HC2GU04GW Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04GW-Q100 NEXPERIA-74HC2GU04GW-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
74HC2GU04GW-Q100 NEXPERIA-74HC2GU04GW-Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
More results

Similar Description - 74HC2GU04GW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04_16 Datasheet
76Kb / 8P
   Dual Unbuffered Inverter
July, 2016 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04_12 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com