Electronic Components Datasheet Search |
|
HAL805UT-K Datasheet(PDF) 4 Page - Micronas |
|
HAL805UT-K Datasheet(HTML) 4 Page - Micronas |
4 / 30 page HAL 805 DATA SHEET 4 Feb. 14, 2006; 6251-513-3DS Micronas Programmable Linear Hall Effect Sensor Release Note: Revision bars indicate significant changes to the previous edition. 1. Introduction The HAL805 is a recent member of the Micronas fam- ily of programmable linear Hall sensors. It offers open- circuit detection and individual programming of differ- ent sensors which are in parallel to the same supply voltage. The HAL805 is an universal magnetic field sensor with a linear output based on the Hall effect. The IC is designed and produced in sub-micron CMOS technol- ogy and can be used for angle or distance measure- ments if combined with a rotating or moving magnet. The major characteristics like magnetic field range, sensitivity, output quiescent voltage (output voltage at B = 0 mT), and output voltage range are programma- ble in a non-volatile memory. The sensor has a ratio- metric output characteristic, which means that the out- put voltage is proportional to the magnetic flux and the supply voltage. The HAL 805 features a temperature-compensated Hall plate with choppered offset compensation, an A/D converter, digital signal processing, a D/A converter with output driver, an EEPROM memory with redun- dancy and lock function for the calibration data, a serial interface for programming the EEPROM, and protection devices at all pins. The internal digital signal processing is of great benefit because analog offsets, temperature shifts, and mechanical stress do not degrade the sensor accuracy. The HAL805 is programmable by modulating the sup- ply voltage. No additional programming pin is needed. The easy programmability allows a 2-point calibration by adjusting the output voltage directly to the input sig- nal (like mechanical angle, distance, or current). Indi- vidual adjustment of each sensor during the cus- tomer’s manufacturing process is possible. With this calibration procedure, the tolerances of the sensor, the magnet, and the mechanical positioning can be com- pensated in the final assembly. This offers a low-cost alternative for all applications that presently need mechanical adjustment or laser trimming for calibrating the system. In addition, the temperature compensation of the Hall IC can be fit to all common magnetic materials by pro- gramming first and second order temperature coeffi- cients of the Hall sensor sensitivity. This enables oper- ation over the full temperature range with high accuracy. The calculation of the individual sensor characteristics and the programming of the EEPROM memory can easily be done with a PC and the application kit from Micronas. The sensor is designed for hostile industrial and auto- motive applications and operates with typically 5 V supply voltage in the ambient temperature range from −40 °C up to 150 °C. The HAL805 is available in the very small leaded packages TO92UT-1 and TO92UT-2. 1.1. Major Applications Due to the sensor’s versatile programming character- istics, the HAL805 is the optimal system solution for applications such as: – contactless potentiometers, – angle sensors, – distance measurements, – magnetic field and current measurement. 1.2. Features – high-precision linear Hall effect sensor with ratiometric output and digital signal processing – multiple programmable magnetic characteristics in a non-volatile memory (EEPROM) with redundancy and lock function – open-circuit detection (ground and supply line break detection) – for programming an individual sensor within several sensors in parallel to the same supply voltage, a selection can be done via the output pin – temperature characteristics are programmable for matching all common magnetic materials – programmable clamping function – programming through a modulation of the supply voltage – operates from −40 °C up to 150 °C ambient temperature – operates from 4.5 V up to 5.5 V supply voltage in specification and functions up to 8.5 V – operates with static magnetic fields and dynamic magnetic fields up to 2 kHz – overvoltage and reverse-voltage protection at all pins – magnetic characteristics extremely robust against mechanical stress – short-circuit protected push-pull output – EMC and ESD optimized design |
Similar Part No. - HAL805UT-K |
|
Similar Description - HAL805UT-K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |