Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL805UT-A Datasheet(PDF) 10 Page - Micronas

Part # HAL805UT-A
Description  Programmable Linear Hall-Effect Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL805UT-A Datasheet(HTML) 10 Page - Micronas

Back Button HAL805UT-A Datasheet HTML 6Page - Micronas HAL805UT-A Datasheet HTML 7Page - Micronas HAL805UT-A Datasheet HTML 8Page - Micronas HAL805UT-A Datasheet HTML 9Page - Micronas HAL805UT-A Datasheet HTML 10Page - Micronas HAL805UT-A Datasheet HTML 11Page - Micronas HAL805UT-A Datasheet HTML 12Page - Micronas HAL805UT-A Datasheet HTML 13Page - Micronas HAL805UT-A Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
HAL 805
DATA SHEET
10
Feb. 14, 2006; 6251-513-3DS
Micronas
Clamping Voltage
The output voltage range can be clamped in order to
detect failures like shorts to VDD or GND or an open
circuit.
The CLAMP-LOW register contains the parameter for
the lower limit. The lower clamping voltage is program-
mable between 0 V and VDD/2. For VDD = 5 V, the reg-
ister can be changed in steps of 2.44 mV.
The CLAMP-HIGH register contains the parameter for
the upper limit. The upper clamping voltage is pro-
grammable between 0 V and VDD. For VDD = 5 V, in
steps of 2.44 mV.
LOCKR
By setting this 1-bit register, all registers will be locked,
and the sensor will no longer respond to any supply
voltage modulation. This bit is active after the first
power-off and power-on sequence after setting the
LOCK bit.
Warning: This register cannot be reset!
ADC-READOUT
This 14-bit register delivers the actual digital value of
the applied magnetic field before the signal process-
ing. This register can be read out and is the basis for
the calibration procedure of the sensor in the system
environment.
2.3. Calibration Procedure
2.3.1. General Procedure
For calibration in the system environment, the applica-
tion kit from Micronas is recommended. It contains the
hardware for the generation of the serial telegram for
programming and the corresponding software for the
input of the register values.
In this section, programming of the sensor using this
programming tool is explained. Please refer to
Section 5. on page 25 for information about program-
ming without this tool.
For the individual calibration of each sensor in the cus-
tomer application, a two point adjustment is recom-
mended (see Fig. 2–7 for an example). When using
the application kit, the calibration can be done in three
steps:
Step 1: Input of the registers which need not be
adjusted individually
The magnetic circuit, the magnetic material with its
temperature characteristics, the filter frequency, and
low and high clamping voltage are given for this appli-
cation.
Therefore, the values of the following registers should
be identical for all sensors of the customer application.
–FILTER
(according to the maximum signal frequency)
–RANGE
(according to the maximum magnetic field at the
sensor position)
– TC and TCSQ
(depends on the material of the magnet and the
other temperature dependencies of the application)
– CLAMP-LOW and CLAMP-HIGH
(according to the application requirements)
Write the appropriate settings into the HAL805 regis-
ters.


Similar Part No. - HAL805UT-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805UT-A MICRONAS-HAL805UT-A Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
More results

Similar Description - HAL805UT-A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251_12 Datasheet
414Kb / 20P
   Programmable Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com